Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA-JET-ARM14 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza ADA-JET-ARM14
Descripción Electrónicos  JTAG Probes for Signum Emulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADA-JET-ARM14 Datasheet(HTML) 3 Page - Analog Devices

  ADA-JET-ARM14 Datasheet HTML 1Page - Analog Devices ADA-JET-ARM14 Datasheet HTML 2Page - Analog Devices ADA-JET-ARM14 Datasheet HTML 3Page - Analog Devices ADA-JET-ARM14 Datasheet HTML 4Page - Analog Devices ADA-JET-ARM14 Datasheet HTML 5Page - Analog Devices ADA-JET-ARM14 Datasheet HTML 6Page - Analog Devices ADA-JET-ARM14 Datasheet HTML 7Page - Analog Devices ADA-JET-ARM14 Datasheet HTML 8Page - Analog Devices ADA-JET-ARM14 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
J T A G
P R OB E S
F OR
S I GN U M
E M ULATO RS
T E CHNI CA L
S P E C IF IC A TION S
1
Signum JTAG Probes at a Glance
P ART
NUM B E R
V OL T A G E
PI N O U T
CP U
D ESC R I PTI O N
P G
ADA-JET-ARM20
3.3 – 5.0V (
± 10%)
ARM20
ARM/XScale
Cortex-A/R/M
Standard 20-pin ARM JTAG probe.
2
ADA-JET-ARM14
3.3 – 5.0V (
± 10%)
ARM20
ARM14
ARM/XScale
Cortex-A/R/M
Standard 20-pin ARM JTAG probe with 14-
pin passive extender.
2
ADA-JET-ARM20-LV
1.8 – 3.3V (
± 10%)
ARM20
ARM/XScale
Cortex-A/R/M
Low voltage version of ADA-JET-ARM20.
3
ADA-JET-ARM-SWD
0.8 – 5.0V (
± 10%)
ARM20
Cortex20
Cortex10
ARM/XScale
Cortex-A/R/M
Low-voltage probe with Cortex-M SWD and
SWO capabilities.
5
ADA-ARM20-Cortex
N/A (passive)
Cortex20
Cortex10
Cortex-M
Conversion adapter from ADA-JET-ARM20
and ADA-JET-ARM20-LV probe to Cortex
20-pin and Cortex 10-pin connectors.
7
ADA-JET-TI14
3.3 – 5.0V (
± 10%)
TI14
Texas
Instruments*
Standard 14-pin JTAG probe for Texas
Instruments DSP and ARM-based
processors.
8
ADA-JET-TI14-LV
1.8 – 3.3V (
± 10%)
TI14
Texas
Instruments*
Low voltage version of ADA-JET-TI14.
8
ADA-ISO-TI14
3.0 – 5.0V (
± 10%)
TI14
Texas
Instruments**
JTAG isolation probe for Texas Instruments
DSP and ARM-based processors.
9
ADA-ISO-TI14-E
3.3 – 5.0V (
± 10%)
TI14
Texas
Instruments**
JTAG isolation probe for Texas Instruments
DSP and ARM-based processors with
optional External Power Input.
11
ADA-JET-CTI20
1.8 – 3.3V (
± 10%)
cTI20
Texas
Instruments
*
Low-voltage compact 20-pin JTAG probe for
Texas Instruments DSP and ARM-based
processors.
12
ADA-ETM-JTAG
N/A (passive)
ETM38
ARM20
TI14
Any
Conversion ETM to JTAG adapter. Allows
JTAGjet-Trace emulators to be used with
boards without ETM connector.
15
ADA-ETM-SWD20
N/A (passive)
Cortex20
Cortex-M
Conversion adapter to Cortex 20-pin
connector. To be used with JTAGjet-Trace
emulators.
16
ADA-JET-MPSD
5.0 V (
± 10%)
MPSD
TMS320C30/
C31/C32
12-pin TI MPSD (legacy) probe.
17
TABLE 1 Comparison of selected Signum JTAG probes.
*
Any Texas Instruments TMS320 DSP and ARM-based CPU including C2000, C5000, C6000, TMS470, TMS570, OMAP,
DaVinci and Sitara. Consult your CPU/board documentation and for JTAG connector and voltage requirements. Some boards
with Texas Instruments CPUs may also have standard ARM 20-pin connector.
**
Isolation probe can be used with any Texas Instruments device, but it is limited to 15MHz JTAG clock.
P R OB E
P I NO UT
P R OB E
P I NO UT
ARM20
Figure 2 on page 2
TI14
Figure 18 on page 8
ARM14
Figure 4 on page 2
cTI20
Figure 30 on page 12
Cortex20
Figure 13 on page 5
ETM38
Figure 35 on page 14
Cortex10
Figure 14 on page 5
MPSD
Figure 44 on page 17
TABLE 2 Signum probe pinouts.


Número de pieza similar - ADA-JET-ARM14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Marki Microwave
ADA-0416 MARKIMICROWAVE-ADA-0416 Datasheet
469Kb / 6P
   MMIC AMPLIFIER/DOUBLER/AMPLIFIER
ADA-1030 MARKIMICROWAVE-ADA-1030 Datasheet
470Kb / 6P
   MMIC AMPLIFIER/DOUBLER/AMPLIFIER
ADA-2052 MARKIMICROWAVE-ADA-2052 Datasheet
471Kb / 6P
   AMPLIFIER/DOUBLER/AMPLIFIER
logo
Agilent(Hewlett-Packard...
ADA-4543 HP-ADA-4543 Datasheet
111Kb / 10P
   Silicon Bipolar Darlington Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ADA-4543 AVAGO-ADA-4543 Datasheet
108Kb / 10P
   Silicon Bipolar Darlington Amplifi er
More results

Descripción similar - ADA-JET-ARM14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
VYBRIDFSERIESEC NXP-VYBRIDFSERIESEC Datasheet
1Mb / 122P
   Standard JTAG
Rev. 9, 01/2018
logo
STMicroelectronics
UM0139 STMICROELECTRONICS-UM0139 Datasheet
2Mb / 38P
   The ST7-EMU3 series emulators are the third generation of high-end emulators for ST7
June 2007 Rev 6
logo
Maxim Integrated Produc...
MAX14640 MAXIM-MAX14640 Datasheet
1Mb / 29P
   USB Host Adapter Emulators
19-6472; Rev 4; 9/16
logo
STMicroelectronics
UM0244 STMICROELECTRONICS-UM0244 Datasheet
152Kb / 11P
   FlashLINK JTAG programming cable for STR9
logo
Vaisala
HPP270 VAISALA-HPP270 Datasheet
334Kb / 4P
   Probes
logo
Pomona Electronics
6354 POMONA-6354 Datasheet
23Kb / 1P
   Replacement Tips For Test Probes
logo
Maxim Integrated Produc...
MAX14630 MAXIM-MAX14630 Datasheet
1Mb / 8P
   USB Charger Adapter Emulators
Rev 1; 3/13
logo
NXP Semiconductors
VYBRIDRSERIESEC NXP-VYBRIDRSERIESEC Datasheet
1Mb / 125P
   Standard JTAG
Rev. 8, 01/2018
logo
Spectrum Microwave, Inc...
XDS560R SPECTRUM-XDS560R Datasheet
62Kb / 1P
   XDS560R USB JTAG Emulator with 14-pin JTAG Header
logo
Agilent(Hewlett-Packard...
W2630 HP-W2630 Datasheet
387Kb / 12P
   DDR2 BGA Probes for Logic Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com