Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM393A Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza LM393A
Descripción Electrónicos  Dual Differential Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM393A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  LM393A Datasheet HTML 1Page - Fairchild Semiconductor LM393A Datasheet HTML 2Page - Fairchild Semiconductor LM393A Datasheet HTML 3Page - Fairchild Semiconductor LM393A Datasheet HTML 4Page - Fairchild Semiconductor LM393A Datasheet HTML 5Page - Fairchild Semiconductor LM393A Datasheet HTML 6Page - Fairchild Semiconductor LM393A Datasheet HTML 7Page - Fairchild Semiconductor LM393A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LM2903,LM393/LM393A,LM293A
3
Electrical Characteristics
(VCC = 5V, TA = 25C, unless otherwise specified)
Note1
LM393/LM393A: 0
TA +70C
LM2903: -40
 TA+105C
LM293A : -25
TA  +85C
Parameter
Symbol
Conditions
LM293A/LM393A
LM393
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Input Offset
Voltage
VIO
VO(P) =1.4V, RS = 0
-
1
2-
1
5
mV
VCM= 0 to 1.5V Note1
-
-
4.0
-
-
9.0
Input Offset Current
IIO
-
5
50
-
5
50
nA
Note1
-
-
150
-
-
150
Input Bias Current
IBIAS
-65
250
-65
250
nA
Note1
-
-
400
-
-
400
Input Common
Mode
Voltage Range
VI(R)
0-
VCC
-1.5
0-
VCC
-1.5
V
Note1
0
-
VCC-2
0
-
VCC-2
Supply Current
ICC
RL = VCC = 5V
-
0.6
1
-
0.6
1
mA
RL = , VCC = 30V
-
0.8
2.5
-
0.8
2.5
Voltage Gain
GV
VCC =15V, RL 15k
(for large VO(P-P)swing)
50
200
-
50
200
-
V/mV
Large Signal
Response Time
TLRES
VI =TTL Logic Swing
VREF =1.4V, VRL = 5V,
RL = 5.1k
-
350
-
-
350
-
nS
Response Time
TRES
VRL =5V, RL =5.1k
-1.4
-
-
1.4-
S
Output Sink Current
ISINK
VI(-) 1V, VI(+) =0V,
VO(P) 1.5V
6
18-
6
18-
mA
Output Saturation
Voltage
VSAT
VI(-) 1V, VI(+) = 0V
-
160
400
-
160
400
mV
ISINK = 4mA
Note1
-
-
700
-
-
700
Output Leakage
Current
IO(LKG)
VI(-) = 0V,
VI(+) = 1V
VO(P) = 5V
-
0.1
-
-
0.1
-
nA
VO(P) = 30V
-
-
1.0
-
-
1.0
A


Número de pieza similar - LM393A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
LM393A PHILIPS-LM393A Datasheet
121Kb / 6P
   Low power dual voltage comparator
1995 Nov 27
logo
Texas Instruments
LM393A TI-LM393A Datasheet
2Mb / 50P
[Old version datasheet]   LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM393A TI-LM393A Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM393A TI-LM393A Datasheet
3Mb / 55P
[Old version datasheet]   LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
logo
STMicroelectronics
LM393A STMICROELECTRONICS-LM393A Datasheet
264Kb / 15P
   Low Power Dual Voltage Comparators
More results

Descripción similar - LM393A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
Motorola, Inc
MC1414 MOTOROLA-MC1414 Datasheet
210Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
SeCoS Halbleitertechnol...
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
   Dual Differential Comparator
SPWLM393S SECOS-SPWLM393S Datasheet
763Kb / 4P
   Dual Differential Comparator
logo
First Components Intern...
LM393 FCI-LM393 Datasheet
71Kb / 4P
   Dual Differential Comparator
logo
Texas Instruments
LM293-EP TI1-LM293-EP_14 Datasheet
346Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393 Datasheet
181Kb / 5P
   DUAL DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM293-EP TI1-LM293-EP_16 Datasheet
346Kb / 8P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATOR
logo
Fairchild Semiconductor
KA293 FAIRCHILD-KA293 Datasheet
84Kb / 10P
   Dual Differential Comparator
LM2903 FAIRCHILD-LM2903 Datasheet
77Kb / 8P
   Dual Differential Comparator
logo
Unisonic Technologies
LM393 UTC-LM393_05 Datasheet
184Kb / 6P
   DUAL DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com