Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADuM2402BRIZ Datasheet(PDF) 3 Page - Analog Devices

No. de pieza ADuM2402BRIZ
Descripción Electrónicos  Quad-Channel Digital Isolators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADuM2402BRIZ Datasheet(HTML) 3 Page - Analog Devices

  ADuM2402BRIZ Datasheet HTML 1Page - Analog Devices ADuM2402BRIZ Datasheet HTML 2Page - Analog Devices ADuM2402BRIZ Datasheet HTML 3Page - Analog Devices ADuM2402BRIZ Datasheet HTML 4Page - Analog Devices ADuM2402BRIZ Datasheet HTML 5Page - Analog Devices ADuM2402BRIZ Datasheet HTML 6Page - Analog Devices ADuM2402BRIZ Datasheet HTML 7Page - Analog Devices ADuM2402BRIZ Datasheet HTML 8Page - Analog Devices ADuM2402BRIZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADuM2400/ADuM2401/ADuM2402
Rev. E | Page 3 of 24
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—5 V OPERATION1
4.5 V ≤ VDD1 ≤ 5.5 V, 4.5 V ≤ VDD2 ≤ 5.5 V. All minimum/maximum specifications apply over the entire recommended operation range,
unless otherwise noted. All typical specifications are at TA = 25°C, VDD1 = VDD2 = 5 V.
Table 1.
Parameter
Symbol
Min
Typ
Max Unit
Test Conditions
DC SPECIFICATIONS
Input Supply Current per Channel, Quiescent
IDDI (Q)
0.50
0.53
mA
Output Supply Current per Channel, Quiescent
IDDO (Q)
0.19
0.21
mA
ADuM2400 Total Supply Current, Four Channels2
DC to 2 Mbps
VDD1 Supply Current
IDD1 (Q)
2.2
2.8
mA
DC to 1 MHz logic signal frequency
VDD2 Supply Current
IDD2 (Q)
0.9
1.4
mA
DC to 1 MHz logic signal frequency
10 Mbps (BRWZ and CRWZ Grades Only)
VDD1 Supply Current
IDD1 (10)
8.6
10.6
mA
5 MHz logic signal frequency
VDD2 Supply Current
IDD2 (10)
2.6
3.5
mA
5 MHz logic signal frequency
90 Mbps (CRWZ Grade Only)
VDD1 Supply Current
IDD1 (90)
70
100
mA
45 MHz logic signal frequency
VDD2 Supply Current
IDD2 (90)
18
25
mA
45 MHz logic signal frequency
ADuM2401 Total Supply Current, Four Channels2
DC to 2 Mbps
VDD1 Supply Current
IDD1 (Q)
1.8
2.4
mA
DC to 1 MHz logic signal frequency
VDD2 Supply Current
IDD2 (Q)
1.2
1.8
mA
DC to 1 MHz logic signal frequency
10 Mbps (BRWZ and CRWZ Grades Only)
VDD1 Supply Current
IDD1 (10)
7.1
9.0
mA
5 MHz logic signal frequency
VDD2 Supply Current
IDD2 (10)
4.1
5.0
mA
5 MHz logic signal frequency
90 Mbps (CRWZ Grade Only)
VDD1 Supply Current
IDD1 (90)
57
82
mA
45 MHz logic signal frequency
VDD2 Supply Current
IDD2 (90)
31
43
mA
45 MHz logic signal frequency
ADuM2402 Total Supply Current, Four Channels2
DC to 2 Mbps
VDD1 or VDD2 Supply Current
IDD1 (Q), IDD2 (Q)
1.5
2.1
mA
DC to 1 MHz logic signal frequency
10 Mbps (BRWZ and CRWZ Grades Only)
VDD1 or VDD2 Supply Current
IDD1 (10), IDD2 (10)
5.6
7.0
mA
5 MHz logic signal frequency
90 Mbps (CRWZ Grade Only)
VDD1 or VDD2 Supply Current
IDD1 (90), IDD2 (90)
44
62
mA
45 MHz logic signal frequency
For All Models
Input Currents
IIA, IIB, IIC,
IID, IE1, IE2
−10
+0.01 +10
μA
0 V ≤ VIA, VIB, VIC, VID ≤ VDD1 or VDD2,
0 V ≤ VE1, VE2 ≤ VDD1 or VDD2
Logic High Input Threshold
VIH, VEH
2.0
V
Logic Low Input Threshold
VIL, VEL
0.8
V
Logic High Output Voltages
(VDD1 or VDD2) − 0.1 5.0
V
IOx = −20 μA, VIx = VIxH
VOAH, VOBH,
VOCH, VODH
(VDD1 or VDD2) − 0.4 4.8
V
IOx = −4 mA, VIx = VIxH
Logic Low Output Voltages
0.0
0.1
V
IOx = 20 μA, VIx = VIxL
0.04
0.1
V
IOx = 400 μA, VIx = VIxL
VOAL, VOBL,
VOCL, VODL
0.2
0.4
V
IOx = 4 mA, VIx = VIxL
SWITCHING SPECIFICATIONS
ADuM240xARWZ
Minimum Pulse Width3
PW
1000 ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate4
1
Mbps
CL = 15 pF, CMOS signal levels
Propagation Delay5
tPHL, tPLH
50
65
100
ns
CL = 15 pF, CMOS signal levels
Pulse Width Distortion, |tPLH − tPHL|5
PWD
40
ns
CL = 15 pF, CMOS signal levels
Propagation Delay Skew6
tPSK
50
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching7
tPSKCD/tPSKOD
50
ns
CL = 15 pF, CMOS signal levels


Número de pieza similar - ADuM2402BRIZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADuM2402BRIZ AD-ADuM2402BRIZ Datasheet
304Kb / 24P
   Quad-Channel Digital Isolators
REV. D
ADUM2402BRIZ AD-ADUM2402BRIZ Datasheet
544Kb / 24P
   Quad-Channel Digital Isolators
Rev. F
More results

Descripción similar - ADuM2402BRIZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
   Quad-Channel Digital Isolators
Rev. J
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
ADUM1401 AD-ADUM1401_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com