Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9777BSVRL Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD9777BSVRL
Descripción Electrónicos  16-Bit, 160 MSPS 2x/4x/8x Interpolating Dual TxDAC D/A Converter
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9777BSVRL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9777BSVRL Datasheet HTML 3Page - Analog Devices AD9777BSVRL Datasheet HTML 4Page - Analog Devices AD9777BSVRL Datasheet HTML 5Page - Analog Devices AD9777BSVRL Datasheet HTML 6Page - Analog Devices AD9777BSVRL Datasheet HTML 7Page - Analog Devices AD9777BSVRL Datasheet HTML 8Page - Analog Devices AD9777BSVRL Datasheet HTML 9Page - Analog Devices AD9777BSVRL Datasheet HTML 10Page - Analog Devices AD9777BSVRL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
AD9777
Rev. C | Page 7 of 60
DIGITAL SPECIFICATIONS
TMIN to TMAX, AVDD = 3.3 V, CLKVDD = 3.3 V, PLLVDD = 0 V, DVDD = 3.3 V, IOUTFS = 20 mA, unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
DIGITAL INPUTS
Logic 1 Voltage
2.1
3
V
Logic 0 Voltage
0
0.9
V
Logic 1 Current
−10
+10
µA
Logic 0 Current
−10
+10
µA
Input Capacitance
5
pF
CLOCK INPUTS
Input Voltage Range
0
3
V
Common-Mode Voltage
0.75
1.5
2.25
V
Differential Voltage
0.5
1.5
V
SERIAL CONTROL BUS
Maximum SCLK Frequency (fSLCK)
15
MHz
Mimimum Clock Pulse Width High (tPWH)
30
ns
Mimimum Clock Pulse Width Low (tPWL)
30
ns
Maximum Clock Rise/Fall Time
1
ms
Minimum Data/Chip Select Setup Time (tDS)
25
ns
Minimum Data Hold Time (tDH)
0
ns
Maximum Data Valid Time (tDV)
30
ns
RESET Pulse Width
1.5
ns
Inputs (SDI, SDIO, SCLK, CSB)
Logic 1 Voltage
2.1
3
V
Logic 0 Voltage
0
0.9
V
Logic 1 Current
−10
+10
µA
Logic 0 Current
−10
+10
µA
Input Capacitance
5
pF
SDIO Output
Logic 1 Voltage
DRVDD − 0.6
V
Logic 0 Voltage
0.4
V
Logic 1 Current
30
50
mA
Logic 0 Current
30
50
mA


Número de pieza similar - AD9777BSVRL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9777BSV AD-AD9777BSV Datasheet
5Mb / 48P
   16-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV. 0
More results

Descripción similar - AD9777BSVRL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9777 AD-AD9777 Datasheet
5Mb / 48P
   16-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV. 0
AD9773BSV AD-AD9773BSV Datasheet
1Mb / 60P
   12-Bit, 160 MSPS, 2x/4x/8x Interpolating Dual TxDAC D/A Converter
REV. D
AD9775 AD-AD9775 Datasheet
5Mb / 48P
   14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV. 0
AD9773 AD-AD9773 Datasheet
218Kb / 19P
   12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
REV. PrA
logo
Texas Instruments
DAC5688 TI-DAC5688_10 Datasheet
1Mb / 55P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5687 TI-DAC5687 Datasheet
2Mb / 72P
[Old version datasheet]   16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
logo
Analog Devices
AD9772A AD-AD9772A Datasheet
596Kb / 32P
   14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
REV. A
logo
Renesas Technology Corp
DAC1405D750 RENESAS-DAC1405D750 Datasheet
415Kb / 41P
   Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com