Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD9952YSVZ-REEL7 Datasheet(PDF) 8 Page - Analog Devices |
|
AD9952YSVZ-REEL7 Datasheet(HTML) 8 Page - Analog Devices |
8 / 28 page AD9952 Rev. B | Page 8 of 28 Pin No. Mnemonic I/O Description 23 DACBP I DAC Biasline Decoupling Pin. A 0.1 μF capacitor to AGND is recommended. 24 DAC_R SET I A resistor (3.92 kΩ nominal) connected from AGND to DAC_R SET establishes the reference current for the DAC. 28 COMP_OUT O Comparator Output. 30 COMP_IN I Comparator Input. 31 COMP_IN I Comparator Complementary Input. 35 PWRDWNCTL I Input Pin Used as an External Power-Down Control. See Table 7 for additional information. 36 RESET I Active High Hardware Reset Pin. Assertion of the RESET pin forces the AD9952 to the initial state, as described in the I/O port register map (see Table 5). 37 IOSYNC I Asynchronous Active High Reset of the Serial Port Controller. When high, the current I/O operation is immediately terminated, enabling a new I/O operation to commence once IOSYNC is returned low. If unused, ground this pin; do not allow this pin to float. 38 SDO O When operating the I/O port as a 3-wire serial port, this pin serves as the serial data output. When operated as a 2-wire serial port, this pin is unused and can be left unconnected. 39 CS I This pin functions as an active low chip select that allows multiple devices to share the I/O bus. 40 SCLK I This pin functions as the serial data clock for I/O operations. 41 SDIO I/O When operating the I/O port as a 3-wire serial port, this pin serves as the serial data input only. When operated as a 2-wire serial port, this pin is the bidirectional serial data pin. 43 DVDD_I/O I Digital Power Supply. For I/O cells only, 3.3 V. 44 SYNC_IN I Input signal used to synchronize multiple AD9952s. This input is connected to the SYNC_CLK output of a master AD9952. 45 SYNC_CLK O Clock output pin that serves as a synchronizer for external hardware. 46 OSK I Input pin used to control the direction of the shaped on-off keying function when programmed for operation. OSK is synchronous to the SYNC_CLK pin. When OSK is not programmed, this pin should be tied to DGND. Paddle Exposed Paddle I The exposed paddle on the bottom of the package is a ground connection for the DAC and must be attached to AGND in any board layout. Note that Pin 43, DVDD_I/O, can be powered to 1.8 V or 3.3 V; however, the DVDD pins (Pin 2 and Pin 34) can only be powered to 1.8 V. |
Número de pieza similar - AD9952YSVZ-REEL7 |
|
Descripción similar - AD9952YSVZ-REEL7 |