Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9248BCPZRL-20 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD9248BCPZRL-20
Descripción Electrónicos  14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9248BCPZRL-20 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9248BCPZRL-20 Datasheet HTML 3Page - Analog Devices AD9248BCPZRL-20 Datasheet HTML 4Page - Analog Devices AD9248BCPZRL-20 Datasheet HTML 5Page - Analog Devices AD9248BCPZRL-20 Datasheet HTML 6Page - Analog Devices AD9248BCPZRL-20 Datasheet HTML 7Page - Analog Devices AD9248BCPZRL-20 Datasheet HTML 8Page - Analog Devices AD9248BCPZRL-20 Datasheet HTML 9Page - Analog Devices AD9248BCPZRL-20 Datasheet HTML 10Page - Analog Devices AD9248BCPZRL-20 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
AD9248
Rev. B | Page 7 of 48
SWITCHING SPECIFICATIONS
AVDD = 3 V, DRVDD = 2.5 V, maximum sample rate, CLK_A = CLK_B; AIN = −0.5 dBFS differential input, 1.0 V internal reference,
TMIN to TMAX, DCS enabled, unless otherwise noted.
Table 4.
Test
AD9248BST/BCP-20
AD9248BST/BCP-40
AD9248BST/BCP-65
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SWITCHING PERFORMANCE
Maximum Conversion Rate
Full
VI
20
40
65
MSPS
Minimum Conversion Rate
Full
V
1
1
1
MSPS
CLK Period
Full
V
50.0
25.0
15.4
ns
CLK Pulse-Width High1
Full
V
15.0
8.8
6.2
ns
CLK Pulse-Width Low1
Full
V
15.0
8.8
6.2
ns
DATA OUTPUT PARAMETER
Output Delay2 (tPD)
Full
VI
2
3.5
6
2
3.5
6
2
3.5
6
ns
Pipeline Delay (Latency)
Full
V
7
7
7
Cycles
Aperture Delay (tA)
Full
V
1.0
1.0
1.0
ns
Aperture Uncertainty (tJ)
Full
V
0.5
0.5
0.5
ps rms
Wake-Up Time3
Full
V
2.5
2.5
2.5
ms
OUT-OF-RANGE RECOVERY TIME
Full
V
2
2
2
Cycles
1 The AD9248-65 model has a duty cycle stabilizer circuit that, when enabled, corrects for a wide range of duty cycles (see Figure 24).
2 Output delay is measured from clock 50% transition to data 50% transition, with a 5 pF load on each output.
3 Wake-up time is dependent on the value of the decoupling capacitors; typical values shown with 0.1 μF and 10 μF capacitors on REFT and REFB.
N–1
N
N+1
N+2
N+3
N+4
N+5
N+6
N+7
N+8
ANALOG
INPUT
CLOCK
DATA
OUT
N–9
N–8
N–7
N–6
N–5
N–4
N–3
N–2
N–1
N
MIN 2.0ns,
MAX 6.0ns
tPD =
Figure 2. Timing Diagram


Número de pieza similar - AD9248BCPZRL-20

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9248BCPZRL-20 AD-AD9248BCPZRL-20 Datasheet
1Mb / 49P
   Dual A/D Converter
More results

Descripción similar - AD9248BCPZRL-20

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com