Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


STD11NM65N Datasheet(Hoja de datos) 6 Page - STMicroelectronics

No. de Pieza. STD11NM65N
Descripción  N-channel 650 V, 0.425 Ω typ., 11 A MDmesh™II Power MOSFET in DPAK, TO-220FP, I²PAKFP and TO-220 packages
Descarga  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo 

 6 page
background image
Electrical characteristics
STD11NM65N, STF11NM65N, STFI11NM65N, STP11NM65N
6/21
Doc ID 13476 Rev 4
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area for DPAK
Figure 3. Thermal impedance for DPAK
Figure 4. Safe operating area for TO-220FP and
I²PAKFP
Figure 5. Thermal impedance for TO-220FP and
I²PAKFP
Figure 6. Safe operating area for TO-220
Figure 7. Thermal impedance for TO-220
ID
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
AM13041v1
ID
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
Oper
ation
in
this
area
is
Limited
b
y max
R
DS(on)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
0.01
AM13040v1
ID
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
AM13039v1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl