Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC817-16W-AU_A1_0001 Datasheet(PDF) 2 Page - Pan Jit International Inc.

No. de pieza BC817-16W-AU_A1_0001
Descripción Electrónicos  NPN GENERAL PURPOSE TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC817-16W-AU_A1_0001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BC817-16W-AU_A1_0001 Datasheet HTML 1Page - Pan Jit International Inc. BC817-16W-AU_A1_0001 Datasheet HTML 2Page - Pan Jit International Inc. BC817-16W-AU_A1_0001 Datasheet HTML 3Page - Pan Jit International Inc. BC817-16W-AU_A1_0001 Datasheet HTML 4Page - Pan Jit International Inc. BC817-16W-AU_A1_0001 Datasheet HTML 5Page - Pan Jit International Inc. BC817-16W-AU_A1_0001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PAGE . 2
March 15,2011-REV.02
BC817-16W-AU SERIES
ELECTRICAL CHARACTERISTICS ( TJ=25oC,unless otherwise notes )
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Collector-Emitter Breakdown Voltage ( Ic=10mA, IB=0 )
V(BR)CEO
45
-
-
V
Collector-Base Breakdown Voltage ( VEB=0V, Ic=10A )
V(BR)CBO
50
-
-
V
Emitter-Base Breakdown Voltage ( IE=1A, Ic=0 )
V(BR)EBO
5
-
-
V
Emitter-Base Cutoff Current ( VEB=5V )
IEBO
--
100
nA
Collector-Base Cutoff Current ( VCB=20V, IE=0 )
TJ =25oC
TJ =150oC
ICBO
-
-
-
-
100
5
nA
A
DC Current Gain ( Ic=100mA, VCE=1V )
BC817-16W-AU
BC817-25W-AU
BC817-40W-AU
hFE
100
160
250
-
-
-
250
400
600
-
-
-
DC Current Gain ( Ic=500mA, VCE=1V
)
40
---
Collector-Emitter Saturation Voltage ( Ic=500mA, IB=50mA )
VCE(SAT)
--
0.7
V
Base-Emitte Voltage ( Ic=500mA, VCE=1.0V )
VBE(ON)
--
1.2
V
Collector-Base Capacitance (VCB=10V, IE=0, f=1MHz)
CCBO
-7
-
pF
Current Gain-Bandwidth Product ( Ic=10mA, VCE=5V, f=100MHz )
fT
100
-
-
MHz


Número de pieza similar - BC817-16W-AU_A1_0001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BC817-16W-7 DIODES-BC817-16W-7 Datasheet
364Kb / 3P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30575 Rev. 4 - 2
logo
Nexperia B.V. All right...
BC817-16W-Q NEXPERIA-BC817-16W-Q Datasheet
308Kb / 14P
   45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 8 June 2021
BC817-16W-Q NEXPERIA-BC817-16W-Q Datasheet
310Kb / 14P
   45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 8 June 2021
More results

Descripción similar - BC817-16W-AU_A1_0001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com