Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KSE5741 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza KSE5741
Descripción Electrónicos  High Voltage Power Switching In Inductive Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSE5741 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSE5741 Datasheet HTML 1Page - Fairchild Semiconductor KSE5741 Datasheet HTML 2Page - Fairchild Semiconductor KSE5741 Datasheet HTML 3Page - Fairchild Semiconductor KSE5741 Datasheet HTML 4Page - Fairchild Semiconductor KSE5741 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 3. Turn On Time
Figure 4. Turn Off Time
Figure 5. Safe Operating Area
Figure 6. Reverse Bias Safe Operating Area
0.1
1
10
10
100
1000
VCE = 5V
IC[A], COLLECTOR CURRENT
0.1
1
10
100
0.01
0.1
1
10
IC = 20 IB
VCE(sat)
VBE(sat)
IC[A], COLLECTOR CURRENT
0.1
1
10
0.01
0.1
1
10
V
CC = 250V
I
C = 20IB
I
B1 = IB2
t
D
t
R
I
C
[A], COLLECTOR CURRENT
0.1
1
10
0.1
1
10
V
CC = 250V
I
C = 20IB
I
B1 = IB2
t
F
t
STG
I
C
[A], COLLECTOR CURRENT
1
10
100
1000
0.01
0.1
1
10
100
5m
s
E5740
E5741
E5742
1m
s
DC
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
100
200
300
400
500
0
4
8
12
16
20
E5740
E5741
E5742
V
BE(off)= -5V
V
CE[V],COLLECTOR EMITTER VOLTAGE


Número de pieza similar - KSE5741

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KSE5020 FAIRCHILD-KSE5020 Datasheet
44Kb / 4P
   Feature
KSE5020 FAIRCHILD-KSE5020 Datasheet
52Kb / 4P
   High Voltage, High Quality High Speed Switching : tF=0.1關s
KSE5020S FAIRCHILD-KSE5020S Datasheet
52Kb / 4P
   High Voltage, High Quality High Speed Switching : tF=0.1關s
More results

Descripción similar - KSE5741

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SC3659 HITACHI-2SC3659 Datasheet
38Kb / 1P
   HIGH VOLTAGE,HIGH POWER SWITCHING
logo
Rectron Semiconductor
2N5401 RECTRON-2N5401 Datasheet
444Kb / 4P
   Switching and Amplification in High Voltage
logo
SemiHow Co.,Ltd.
KSP742C SEMIHOW-KSP742C Datasheet
107Kb / 4P
   High voltage, high speed power switching
logo
Fairchild Semiconductor
BUT12 FAIRCHILD-BUT12 Datasheet
29Kb / 3P
   High Voltage Power Switching Applications
KSC5405F FAIRCHILD-KSC5405F Datasheet
45Kb / 4P
   High Voltage Power Switching Applications
BUT11F FAIRCHILD-BUT11F Datasheet
47Kb / 4P
   High Voltage Power Switching Applications
BUT11 FAIRCHILD-BUT11 Datasheet
42Kb / 4P
   High Voltage Power Switching Applications
BUT11ATU FAIRCHILD-BUT11ATU Datasheet
47Kb / 4P
   High Voltage Power Switching Applications
logo
SemiHow Co.,Ltd.
KSB13005AR SEMIHOW-KSB13005AR Datasheet
490Kb / 6P
   High voltage, high speed power switching
logo
STMicroelectronics
SGSD310 STMICROELECTRONICS-SGSD310 Datasheet
293Kb / 6P
   HIGH VOLTAGE, HIGH POWER, FAST SWITCHING
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com