Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC817-AU_L2_1001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

No. de pieza BC817-AU_L2_1001
Descripción Electrónicos  NPN GENERAL PURPOSE TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC817-AU_L2_1001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BC817-AU_L2_1001 Datasheet HTML 1Page - Pan Jit International Inc. BC817-AU_L2_1001 Datasheet HTML 2Page - Pan Jit International Inc. BC817-AU_L2_1001 Datasheet HTML 3Page - Pan Jit International Inc. BC817-AU_L2_1001 Datasheet HTML 4Page - Pan Jit International Inc. BC817-AU_L2_1001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
March 09,2011-REV.02
BC817-AU SERIES
NPN GENERAL PURPOSE TRANSISTORS
VOLTAGE
45 Volts
330 mW
MECHANICAL DATA
• Case: SOT-23, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.0003 ounces, 0.0084 grams
• Device Marking :
BC817-25-AU : 8B
BC817-40-AU : 8C
BC817-16-AU : 8A
POWER
THERMALCHARACTERISTICS
MAXIMUM RATINGS
NOTE : Transistor mounted on FR-5 board minimum pad mounting conditions.
PARAMETER
SYMBOL
Value
UNIT
Collector-Emitter Voltage
VCEO
45
V
Collector-Base Voltage
VCBO
50
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current - Continuous
IC
500
mA
Total Power Dissipation ( NOTE )
PTOT
330
mW
Junction and Storage Temperature Range
TJ , TSTG
-55 to +150
oC
PARAMETER
SYMBOL
Value
UNIT
Thermal Resistance Junction to Ambient ( NOTE )
RJA
375
o
C / W
Thermal Resistance Junction to Lead
RJL
220
o
C / W
SOT-23
Unit inch(mm)
0.120(3.04)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.070(1.80)
0.020(0.50)
0.013(0.35)
0.044(1.10)
0.035(0.90)
0.008(0.20)
0.003(0.08)
0.004(0.10)
0.000(0.00)
FEATURES
• General purpose amplifier applications
• NPN epitaxial silicon, planar design
• Collector current I
C = 500mA
• AEC-Q101 qualified
• Lead free in comply with EU RoHS 2002/95/EC directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
• Acqire quality system certificate : TS16949


Número de pieza similar - BC817-AU_L2_1001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
First Silicon Co., Ltd
BC817-ALT1G FS-BC817-ALT1G Datasheet
108Kb / 3P
   General Purpose Transistors
BC817-ALT3G FS-BC817-ALT3G Datasheet
108Kb / 3P
   General Purpose Transistors
More results

Descripción similar - BC817-AU_L2_1001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com