Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N6400 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza 2N6400
Descripción Electrónicos  Silicon Controlled Rectifiers Reverse Blocking Thyristors 50 thru 800 VOLTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6400 Datasheet(HTML) 1 Page - ON Semiconductor

  2N6400 Datasheet HTML 1Page - ON Semiconductor 2N6400 Datasheet HTML 2Page - ON Semiconductor 2N6400 Datasheet HTML 3Page - ON Semiconductor 2N6400 Datasheet HTML 4Page - ON Semiconductor 2N6400 Datasheet HTML 5Page - ON Semiconductor 2N6400 Datasheet HTML 6Page - ON Semiconductor 2N6400 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2012
November, 2012 − Rev. 6
1
Publication Order Number:
2N6400/D
2N6400 Series
Silicon Controlled Rectifiers
Reverse Blocking Thyristors
Designed primarily for half-wave ac control applications, such as
motor controls, heating controls and power supplies; or wherever
half−wave silicon gate−controlled, solid−state devices are needed.
Features
Glass Passivated Junctions with Center Gate Geometry for Greater
Parameter Uniformity and Stability
Small, Rugged, Thermowatt Construction for Low Thermal
Resistance, High Heat Dissipation and Durability
Blocking Voltage to 800 V
These are Pb−Free Devices
MAXIMUM RATINGS* (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off−State Voltage (Note 1)
(TJ = *40 to 125°C, Sine Wave 50 to 60
Hz; Gate Open)
2N6400
2N6401
2N6402
2N6403
2N6404
2N6405
VDRM,
VRRM
50
100
200
400
600
800
V
On-State Current RMS (180° Conduction
Angles; TC = 100°C)
IT(RMS)
16
A
Average On-State Current (180° Conduc-
tion Angles; TC = 100°C)
IT(AV)
10
A
Peak Non-repetitive Surge Current (1/2
Cycle, Sine Wave 60 Hz, TJ = 25°C)
ITSM
160
A
Circuit Fusing Considerations (t = 8.3 ms)
I2t
145
A2s
Forward Peak Gate Power (Pulse Width ≤
1.0 ms, TC = 100°C)
PGM
20
W
Forward Average Gate Power (t = 8.3 ms,
TC = 100°C)
PG(AV)
0.5
W
Forward Peak Gate Current (Pulse Width ≤
1.0 ms, TC = 100°C)
IGM
2.0
A
Operating Junction Temperature Range
TJ
−40 to
+125
°C
Storage Temperature Range
Tstg
−40 to
+150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. VDRM and VRRM for all types can be applied on a continuous basis. Ratings
apply for zero or negative gate voltage; however, positive gate voltage shall
not be applied concurrent with negative potential on the anode. Blocking
voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
SCRs
16 AMPERES RMS
50 thru 800 VOLTS
K
G
A
PIN ASSIGNMENT
1
2
3
Anode
Gate
Cathode
4
Anode
TO−220AB
CASE 221A
STYLE 3
1
2
3
4
MARKING
DIAGRAM
2N640xG
AYWW
x
= 0, 1, 2, 3, 4 or 5
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
http://onsemi.com


Número de pieza similar - 2N6400

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N6400 ONSEMI-2N6400 Datasheet
74Kb / 8P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
April, 2001 ??Rev. 2
2N6400 ONSEMI-2N6400 Datasheet
77Kb / 6P
   Silicon Controlled Rectifiers SCRs 16 AMPERES RMS 50 thru 800 VOLTS
December, 2004 ??Rev. 3
logo
New Jersey Semi-Conduct...
2N6400 NJSEMI-2N6400 Datasheet
150Kb / 1P
   SILICON CONTROLLED RECTIFIERS
logo
Digitron Semiconductors
2N6400 DIGITRON-2N6400 Datasheet
264Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
Kersemi Electronic Co.,...
2N6400 KERSEMI-2N6400 Datasheet
425Kb / 6P
   Silicon Controlled Rectifiers
More results

Descripción similar - 2N6400

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N6504 ONSEMI-2N6504_06 Datasheet
63Kb / 7P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors SCRs 25 AMPERES RMS 50 thru 800 VOLTS
February, 2006 ??Rev. 7
2N6401 ONSEMI-2N6401 Datasheet
74Kb / 8P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
April, 2001 ??Rev. 2
C122F1 ONSEMI-C122F1 Datasheet
59Kb / 4P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
August, 2005 ??Rev. 3
MCR8N ONSEMI-MCR8N Datasheet
55Kb / 5P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 5
MCR25 ONSEMI-MCR25_05 Datasheet
93Kb / 5P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 5
MCR12DG ONSEMI-MCR12DG Datasheet
105Kb / 4P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2012 ??Rev. 5
logo
Digitron Semiconductors
2N6504 DIGITRON-2N6504 Datasheet
212Kb / 4P
   SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS
logo
ON Semiconductor
MCR8DCM ONSEMI-MCR8DCM Datasheet
60Kb / 5P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
MCR12DCM ONSEMI-MCR12DCM Datasheet
64Kb / 5P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
February, 2006 ??Rev. 5
MCR68 ONSEMI-MCR68_05 Datasheet
58Kb / 5P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
December, 2005 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com