Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC817-25L Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza BC817-25L
Descripción Electrónicos  General Purpose Transistors NPN Silicon Collector ??Emitter Voltage VCEO 45
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC817-25L Datasheet(HTML) 3 Page - ON Semiconductor

  BC817-25L Datasheet HTML 1Page - ON Semiconductor BC817-25L Datasheet HTML 2Page - ON Semiconductor BC817-25L Datasheet HTML 3Page - ON Semiconductor BC817-25L Datasheet HTML 4Page - ON Semiconductor BC817-25L Datasheet HTML 5Page - ON Semiconductor BC817-25L Datasheet HTML 6Page - ON Semiconductor BC817-25L Datasheet HTML 7Page - ON Semiconductor BC817-25L Datasheet HTML 8Page - ON Semiconductor BC817-25L Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BC846ALT1G Series, SBC846ALT1G Series
http://onsemi.com
3
BC846A, BC847A, BC848A, SBC846A
Figure 1. DC Current Gain vs. Collector
Current
Figure 2. Collector Emitter Saturation Voltage
vs. Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
0.1
0.01
0.001
0
100
200
300
0.1
0.01
0.001
0.0001
0
0.02
0.18
Figure 3. Base Emitter Saturation Voltage vs.
Collector Current
Figure 4. Base Emitter Voltage vs. Collector
Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
0.1
0.01
0.001
0.0001
0.2
0.3
0.5
0.6
0.7
0.8
1.0
0.1
0.01
0.001
0.0001
0.2
0.3
0.5
0.6
0.8
0.9
1.0
1.2
1
VCE = 1 V
150°C
−55°C
25°C
IC/IB = 20
150°C
−55°C
25°C
0.4
0.9
IC/IB = 20
150°C
−55°C
25°C
0.4
0.7
1.1
VCE = 5 V
150°C
−55°C
25°C
0.04
0.06
0.08
0.10
0.12
0.14
0.16


Número de pieza similar - BC817-25L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BC817-25LT1 MOTOROLA-BC817-25LT1 Datasheet
90Kb / 4P
   CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
logo
ON Semiconductor
BC817-25LT1 ONSEMI-BC817-25LT1 Datasheet
58Kb / 4P
   General Purpose Transistors(NPN Silicon)?
June, 2004 ??Rev. 6
logo
Leshan Radio Company
BC817-25LT1 LRC-BC817-25LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
BC817-25LT1G ONSEMI-BC817-25LT1G Datasheet
58Kb / 4P
   General Purpose Transistors(NPN Silicon)?
June, 2004 ??Rev. 6
BC817-25LT1G ONSEMI-BC817-25LT1G Datasheet
125Kb / 10P
   General Purpose Transistors
October, 2010 ??Rev. 11
More results

Descripción similar - BC817-25L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
First Components Intern...
FMBT3904 FCI-FMBT3904 Datasheet
529Kb / 2P
   NPN General Purpose Transistor Collector - Emitter Voltage VCEO
FMBT3906 FCI-FMBT3906 Datasheet
61Kb / 2P
   PNP General Purpose Transistor Collector - Emitter Voltage VCEO -40
FMBT1815 FCI-FMBT1815 Datasheet
69Kb / 2P
   NPN Epitaxial Planar Transistor Collector - Emitter Voltage VCEO
FMBT4401 FCI-FMBT4401 Datasheet
71Kb / 2P
   NPN Switching Transistor Collector - Emitter Voltage VCEO 40
logo
Inchange Semiconductor ...
BU508A-2 ISC-BU508A-2 Datasheet
534Kb / 3P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 900V (Min)
2SA1441 ISC-2SA1441 Datasheet
121Kb / 2P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
BU120 ISC-BU120 Datasheet
190Kb / 2P
   Collector-Emitter Sustaining Voltage-:VCEO(SUS) = 200V(Min)
2SB1284 ISC-2SB1284 Datasheet
188Kb / 2P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -100V(Min.)
2SA1444 ISC-2SA1444 Datasheet
121Kb / 2P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
BUY70A ISC-BUY70A Datasheet
195Kb / 2P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS) = 400V(Min)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com