Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC3PHACVP Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

No. de pieza MC3PHACVP
Descripción Electrónicos  MC3PHAC Monolithic Intelligent Motor Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC3PHACVP Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC3PHACVP Datasheet HTML 1Page - Freescale Semiconductor, Inc MC3PHACVP Datasheet HTML 2Page - Freescale Semiconductor, Inc MC3PHACVP Datasheet HTML 3Page - Freescale Semiconductor, Inc MC3PHACVP Datasheet HTML 4Page - Freescale Semiconductor, Inc MC3PHACVP Datasheet HTML 5Page - Freescale Semiconductor, Inc MC3PHACVP Datasheet HTML 6Page - Freescale Semiconductor, Inc MC3PHACVP Datasheet HTML 7Page - Freescale Semiconductor, Inc MC3PHACVP Datasheet HTML 8Page - Freescale Semiconductor, Inc MC3PHACVP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
MC3PHAC Monolithic Intelligent Motor Controller, Rev. 2
4
Freescale Semiconductor
Electrical Characteristics
Electrical Characteristics
Maximum Ratings
This device contains circuitry to protect the inputs against damage due to high static voltages or electric
fields; however, it is advised that normal precautions be taken to avoid application of any voltage higher
than maximum-rated voltages to this high-impedance circuit. For proper operation, it is recommended that
VIn and VOut be constrained to the range VSS ≤ (VIn or VOut) ≤ VDD. Reliability of operation is enhanced if
unused inputs are connected to an appropriate logic voltage level (for example, either VSS or VDD).
Functional Operating Range
Control Timing
Characteristic(1)
1. Voltages referenced to VSS
Symbol
Value
Unit
Supply voltage
VDD
–0.3 to +6.0
V
Input voltage
VIn
–0.3 to VDD +0.3
V
Input high voltage
VHi
VDD + 0.3
V
Maximum current per pin excluding VDD and VSS
I± 25
mA
Storage temperature
Tstg
–55 to +150
°C
Maximum current out of VSS
IMVSS
100
mA
Maximum current into VDD
IMVDD
100
mA
Characteristic
Symbol
Value
Unit
Operating temperature range
(see Table 1)
TA
–40
°C to +105°C
°C
Operating voltage range
VDD
5.0
± 10%
V
Characteristic
Symbol
Value
Unit
Oscillator frequency(1)
1. Follow the crystal/resonator manufacturer’s recommendations, as the crystal/resonator parameters determine the external
component values required for maximum stability and reliable starting. The load capacitance values used in the oscillator
circuit design should include all stray capacitances.
Fosc
4.00
± 1%
MHz


Número de pieza similar - MC3PHACVP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC3PHACVP MOTOROLA-MC3PHACVP Datasheet
724Kb / 44P
   3-Phase AC Motor Controller
logo
Freescale Semiconductor...
MC3PHACVP FREESCALE-MC3PHACVP Datasheet
781Kb / 36P
   Monolithic Intelligent Motor Controller
MC3PHACVPE FREESCALE-MC3PHACVPE Datasheet
423Kb / 36P
   MC3PHAC Monolithic Intelligent Motor Controller
More results

Descripción similar - MC3PHACVP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC3PHACVPE FREESCALE-MC3PHACVPE Datasheet
423Kb / 36P
   MC3PHAC Monolithic Intelligent Motor Controller
MC3PHAC FREESCALE-MC3PHAC Datasheet
781Kb / 36P
   Monolithic Intelligent Motor Controller
logo
TRINAMIC Motion Control...
TMC603A TRINAMIC-TMC603A_16 Datasheet
886Kb / 37P
   Intelligent Triple Stepper Motor Controller
TMC429 TRINAMIC-TMC429_16 Datasheet
1Mb / 83P
   Intelligent Triple Stepper Motor Controller
logo
List of Unclassifed Man...
TMC428 ETC2-TMC428_06 Datasheet
719Kb / 58P
   Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
TMC428 ETC-TMC428 Datasheet
378Kb / 50P
   Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
logo
OptoSupply Internationa...
OE0422 OPTOSUPPLY-OE0422 Datasheet
64Kb / 1P
   PIR intelligent controller
logo
List of Unclassifed Man...
MLX90805 ETC-MLX90805 Datasheet
167Kb / 13P
   Intelligent Triac Controller
logo
Toshiba Semiconductor
TA8068F TOSHIBA-TA8068F Datasheet
178Kb / 8P
   Intelligent Stepping Motor Driver
TA8068L TOSHIBA-TA8068L Datasheet
220Kb / 6P
   INTELLIGENT STEPPING MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com