Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-P2021 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-P2021
Descripción Electrónicos  Standard SMT and Through Hole Lead Bend Options for Subminiature LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-P2021 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-P2021 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2021 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2021 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2021 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2021 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2021 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2021 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2021 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-P2021 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
For product information and a complete list of distributors, please go to our website:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2008 Avago Technologies. All rights reserved. Obsoletes 5989-1206EN
AV02-0069EN - September 2, 2008
(L) Recommended Reflow Soldering Profile and Soldering Pad Pattern for SMT Options
Recommended SnPb reflow soldering profile.
Wait until device has cooled to room temperature before handling.
Recommended soldering pad pattern for gull wing leads 11, 12, and 14.
Recommended soldering pad pattern for yoke leads 21, 22, and 24.
Recommended soldering pad pattern for Z-bend leads 31, 32, and 34.
3.30 (0.130)
6.60 (0.260)
0.64 (0.025)
1.27
(0.50)
0.45
(0.018)
0.89
(0.035)
#27 DRILL
3.73 (0.147) DIA.
CLEARANCE HOLE
THROUGH PC BOARD
DIMENSIONS ARE IN
MILLIMETERS (INCHES)
3.30 (0.130)
6.60 (0.260)
1.27
(0.50)
0.45
(0.018)
0.89
(0.035)
#27 DRILL
3.73 (0.147) DIA.
CLEARANCE HOLE
THROUGH PC BOARD
DIMENSIONS ARE IN
MILLIMETERS (INCHES)
0.89
(0.035)
1.78
(0.070)
3.58 (0.140)
0.45
(0.018)
0.45 (0.018)
0.89 (0.035)
230
10 SEC. MAX.
2-3°C/SEC.
120 SEC. MAX.
TIME
183°C
125-170°C
3-4°C/SEC.
60-150
SEC.
3°C/SEC. MAX.
25°C
50°C
°C MAX.
+5
–0
Recommended Pb-free reflow soldering profile.
217
°C
200
°C
60 - 120 SEC.
6
°C/SEC. MAX.
3
°C/SEC. MAX.
3
°C/SEC. MAX.
150
°C
255 - 260
°C
100 SEC. MAX.
(Acc. to J-STD-020C)
10 - 30 SEC.
TIME


Número de pieza similar - HLMP-P2021

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
HLMP-P202 BOARDCOM-HLMP-P202 Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
logo
Agilent(Hewlett-Packard...
HLMP-P202-F0000 HP-HLMP-P202-F0000 Datasheet
152Kb / 16P
   Subminiature LED Lamps
HLMP-P202-F00XX HP-HLMP-P202-F00XX Datasheet
152Kb / 16P
   Subminiature LED Lamps
More results

Descripción similar - HLMP-P2021

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMA-PG00-N0011 AVAGO-HLMA-PG00-N0011 Datasheet
356Kb / 11P
   Standard SMT and Through Hole Lead Bend Options for Subminiature LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-7000 HP-HLMP-7000 Datasheet
220Kb / 12P
   Standard SMT and Through Hole Lead Bend Options for Subminiature LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
AV02-1496EN AVAGO-AV02-1496EN Datasheet
356Kb / 11P
   Standard SMT and Through Hole Lead Bend Options for Subminiature LED Lamps
logo
Siemens Semiconductor G...
ILD1 SIEMENS-ILD1 Datasheet
32Kb / 1P
   SURFACE MOUNT LEAD BEND OPTIONS
logo
Everlight Electronics C...
IR91-21C-TR10 EVERLIGHT-IR91-21C-TR10 Datasheet
190Kb / 10P
   1.9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
IR91-21C-TR10 EVERLIGHT-IR91-21C-TR10_15 Datasheet
206Kb / 9P
   1.9mm Round Subminiature Z-Bend Lead Infrared LED
EAISG2021A2 EVERLIGHT-EAISG2021A2 Datasheet
484Kb / 9P
   1.9mm Round Subminiature??Z-Bend??Lead Infrared LED
SIR91-21C EVERLIGHT-SIR91-21C Datasheet
175Kb / 9P
   .9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
EAISZ2522A0 EVERLIGHT-EAISZ2522A0 Datasheet
531Kb / 9P
   1.9mm Round Subminiature ?쏾-Bend??Lead Infrared LED
EAISZ2120A0 EVERLIGHT-EAISZ2120A0 Datasheet
463Kb / 9P
   1.9mm Round Subminiature??Z-Bend??Lead Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com