Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-2755 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-2755
Descripción Electrónicos  LED Light Bars
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-2755 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-2755 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-2755 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-2755 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-2755 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-2755 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-2755 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-2755 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-2755 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HLMP-2755 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Figure 1. Maximum Allowable Peak Current vs. Pulse Duration.
Figure 4. Forward Current vs. Forward Voltage.
Figure 5. Relative Luminous Intensity vs. DC Forward
Current.
AlGaAs Red
Figure 3. Relative Efficiency (Luminous Intensity per Unit
Current) vs. Peak LED Current.
Figure 2. Maximum Allowed DC Current per LED vs.
Ambient Temperature, T
JMAX = 110 °C.


Número de pieza similar - HLMP-2755

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
QT Optoelectronics
HLMP-2755 QT-HLMP-2755 Datasheet
564Kb / 5P
   LED LIGHT BARS
logo
Agilent(Hewlett-Packard...
HLMP-2755 HP-HLMP-2755 Datasheet
199Kb / 16P
   LED Light Bars
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-2755 AVAGO-HLMP-2755 Datasheet
338Kb / 16P
   LED Light Bars
HLMP-2755 AVAGO-HLMP-2755 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
Everlight Electronics C...
HLMP-2755 EVERLIGHT-HLMP-2755 Datasheet
997Kb / 5P
   These LED Light Bar series are bright, large emitting area,rectangular devices that are designed for backlighting legend/message annunciators
More results

Descripción similar - HLMP-2755

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
QT Optoelectronics
HLMP-2300 QT-HLMP-2300 Datasheet
564Kb / 5P
   LED LIGHT BARS
logo
AVAGO TECHNOLOGIES LIMI...
HLCP-A100 AVAGO-HLCP-A100 Datasheet
338Kb / 16P
   LED Light Bars
HLMP2300 AVAGO-HLMP2300 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
Everlight Electronics C...
HLMP2550 EVERLIGHT-HLMP2550 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
Agilent(Hewlett-Packard...
HLCP-A100 HP-HLCP-A100 Datasheet
199Kb / 16P
   LED Light Bars
logo
Fairchild Semiconductor
HLMP-2B85 FAIRCHILD-HLMP-2B85 Datasheet
216Kb / 6P
   LED LIGHT BARS
logo
Kingbright Corporation
KB2835 KINGBRIGHT-KB2835 Datasheet
424Kb / 6P
   LED LIGHT BARS
logo
Fairchild Semiconductor
HLMP2755 FAIRCHILD-HLMP2755 Datasheet
770Kb / 6P
   LED LIGHT BARS
logo
Siemens Semiconductor G...
OLB2600 SIEMENS-OLB2600 Datasheet
44Kb / 1P
   LIGHT BARS
OLB2685 SIEMENS-OLB2685 Datasheet
210Kb / 5P
   LIGHT BARS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com