Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCP53-16T3G Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza BCP53-16T3G
Descripción Electrónicos  PNP Silicon Epitaxial Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCP53-16T3G Datasheet(HTML) 2 Page - ON Semiconductor

  BCP53-16T3G Datasheet HTML 1Page - ON Semiconductor BCP53-16T3G Datasheet HTML 2Page - ON Semiconductor BCP53-16T3G Datasheet HTML 3Page - ON Semiconductor BCP53-16T3G Datasheet HTML 4Page - ON Semiconductor BCP53-16T3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2N7002E
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
60
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
75
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 60 V
TJ = 25°C
1
mA
TJ = 125°C
500
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.0
2.5
V
Negative Threshold Temperature
Coefficient
VGS(TH)/TJ
4.4
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V, ID = 240 mA
0.86
2.5
W
VGS = 4.5 V, ID = 50 mA
1.1
3.0
Forward Transconductance
gFS
VDS = 5 V, ID = 200 mA
530
mS
CHARGES AND CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz,
VDS = 25 V
26.7
40
pF
Output Capacitance
COSS
4.6
Reverse Transfer Capacitance
CRSS
2.9
Total Gate Charge
QG(TOT)
VGS = 5 V, VDS = 10 V;
ID = 240 mA
0.81
nC
Threshold Gate Charge
QG(TH)
0.31
Gate−to−Source Charge
QGS
0.48
Gate−to−Drain Charge
QGD
0.08
SWITCHING CHARACTERISTICS, VGS = V (Note 3)
Turn−On Delay Time
td(ON)
VGS = 10 V, VDD = 30 V,
ID = 200 mA, RG = 10 W
1.7
ns
Rise Time
tr
1.2
Turn−Off Delay Time
td(OFF)
4.8
Fall Time
tf
3.6
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 200 mA
TJ = 25°C
0.79
1.2
V
TJ = 85°C
0.7
2. Pulse Test: pulse width ≤ 300 ms, duty cycle ≤ 2%
3. Switching characteristics are independent of operating junction temperatures


Número de pieza similar - BCP53-16T3G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BCP53-16T3G ONSEMI-BCP53-16T3G Datasheet
100Kb / 5P
   PNP Silicon Epitaxial Transistors MEDIUM POWER HIGH CURRENT SURFACE MOUNT
September, 2013 ??Rev. 10
BCP53-16T3G ONSEMI-BCP53-16T3G Datasheet
85Kb / 5P
   PNP Silicon Epitaxial Transistors
September, 2013 ??Rev. 10
BCP53-16T3G ONSEMI-BCP53-16T3G Datasheet
76Kb / 5P
   PNP Silicon Epitaxial Transistors
December, 2015 ??Rev. 12
More results

Descripción similar - BCP53-16T3G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
2SB1386-P MCC-2SB1386-P Datasheet
376Kb / 4P
   PNP Silicon Epitaxial Transistors
2SA1213-O MCC-2SA1213-O Datasheet
480Kb / 4P
   PNP Silicon Epitaxial Transistors
2SB1182-P MCC-2SB1182-P_13 Datasheet
509Kb / 4P
   PNP Silicon Epitaxial Transistors
2SA1464-P MCC-2SA1464-P Datasheet
627Kb / 4P
   PNP Silicon Epitaxial Transistors
logo
FutureWafer Tech Co.,Lt...
BCP69 FUTUREWAFER-BCP69 Datasheet
1Mb / 9P
   PNP Silicon Epitaxial Transistors
24-NOV-2021 V 2.1
logo
ON Semiconductor
BCP53 ONSEMI-BCP53_16 Datasheet
76Kb / 5P
   PNP Silicon Epitaxial Transistors
December, 2015 ??Rev. 12
logo
Micro Commercial Compon...
2SB1197 MCC-2SB1197 Datasheet
70Kb / 2P
   PNP Silicon Epitaxial Transistors
2SA1037-Q MCC-2SA1037-Q_13 Datasheet
230Kb / 2P
   PNP Silicon Epitaxial Transistors
2SA1576A-Q MCC-2SA1576A-Q Datasheet
254Kb / 3P
   PNP Silicon Epitaxial Transistors
2SB1184-P MCC-2SB1184-P_13 Datasheet
672Kb / 4P
   PNP Silicon Epitaxial Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com