Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCP53-16T1G Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza BCP53-16T1G
Descripción Electrónicos  PNP Silicon Epitaxial Transistors MEDIUM POWER HIGH CURRENT SURFACE MOUNT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCP53-16T1G Datasheet(HTML) 1 Page - ON Semiconductor

  BCP53-16T1G Datasheet HTML 1Page - ON Semiconductor BCP53-16T1G Datasheet HTML 2Page - ON Semiconductor BCP53-16T1G Datasheet HTML 3Page - ON Semiconductor BCP53-16T1G Datasheet HTML 4Page - ON Semiconductor BCP53-16T1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2013
September, 2013 − Rev. 10
1
Publication Order Number:
BCP53T1/D
BCP53 Series
PNP Silicon
Epitaxial Transistors
This PNP Silicon Epitaxial transistor is designed for use in audio
amplifier applications. The device is housed in the SOT−223 package
which is designed for medium power surface mount applications.
High Current
NPN Complement is BCP56
The SOT−223 Package can be soldered using wave or reflow.
The formed leads absorb thermal stress during soldering,
eliminating the possibility of damage to the die
Device Marking:
BCP53T1 = AH
BCP53−10T1 = AH−10
BCP53−16T1 = AH−16
S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
−80
Vdc
Collector−Base Voltage
VCBO
−100
Vdc
Emitter−Base Voltage
VEBO
−5.0
Vdc
Collector Current
IC
1.5
Adc
Total Power Dissipation
@ TA = 25°C (Note 1)
Derate above 25
°C
PD
1.5
12
W
mW/
°C
Operating and Storage
Temperature Range
TJ, Tstg
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Device mounted on a glass epoxy printed circuit board 1.575 in. x 1.575 in.
x 0.059 in.; mounting pad for the collector lead min. 0.93 sq. in.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
(Surface Mounted)
RqJA
83.3
°C/W
Lead Temperature for Soldering,
0.0625
″ from case
Time in Solder Bath
TL
260
10
°C
s
Device
Package
Shipping
ORDERING INFORMATION
SOT−223
CASE 318E
STYLE 1
MEDIUM POWER HIGH
CURRENT SURFACE MOUNT
PNP TRANSISTORS
MARKING DIAGRAM
BCP53T1G
SOT−223
(Pb−Free)
1000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
BCP53−16T1G
SOT−223
(Pb−Free)
1000/Tape & Reel
BCP53−10T1G
SOT−223
(Pb−Free)
1000/Tape & Reel
BCP53−16T3G
SOT−223
(Pb−Free)
4000/Tape & Reel
1
A
= Assembly Location
Y
= Year
W
= Work Week
XXXXX = Specific Device Code
G
= Pb−Free Package
AYW
XXXXX
G
G
(*Note: Microdot may be in either location)
SBCP53−16T1G
SOT−223
(Pb−Free)
1000/Tape & Reel
SBCP53−10T1G
SOT−223
(Pb−Free)
1000/Tape & Reel
SBCP53−10T1G
SOT−223
(Pb−Free)
1000/Tape & Reel
1
BASE
EMITTER 3
COLLECTOR 2, 4
1
2
4
3


Número de pieza similar - BCP53-16T1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BCP53-16T1G ONSEMI-BCP53-16T1G Datasheet
141Kb / 5P
   PNP Silicon Epitaxial Transistors
November, 2011 ??Rev. 8
BCP53-16T1G ONSEMI-BCP53-16T1G Datasheet
85Kb / 5P
   PNP Silicon Epitaxial Transistors
September, 2013 ??Rev. 10
BCP53-16T1G ONSEMI-BCP53-16T1G Datasheet
76Kb / 5P
   PNP Silicon Epitaxial Transistors
December, 2015 ??Rev. 12
More results

Descripción similar - BCP53-16T1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BCP53T1 MOTOROLA-BCP53T1 Datasheet
99Kb / 4P
   MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
BCP69T1 MOTOROLA-BCP69T1 Datasheet
71Kb / 4P
   MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
BCP53T1 ONSEMI-BCP53T1 Datasheet
76Kb / 4P
   MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
New Jersey Semi-Conduct...
2N3244 NJSEMI-2N3244 Datasheet
181Kb / 2P
   PNP SILICON, TRANSISTORS FOR MEDIUM-CURRENT
logo
Motorola, Inc
BCP68T1 MOTOROLA-BCP68T1 Datasheet
149Kb / 6P
   MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
SMBT35200MT1G ONSEMI-SMBT35200MT1G Datasheet
115Kb / 5P
   High Current Surface Mount PNP Silicon
August, 2013 ??Rev. 5
NSL12TT1 ONSEMI-NSL12TT1 Datasheet
69Kb / 8P
   High Current Surface Mount PNP Silicon
February, 2002 ??Rev. 2
logo
Motorola, Inc
BCP56T1 MOTOROLA-BCP56T1 Datasheet
200Kb / 6P
   MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
BCP68T1 ONSEMI-BCP68T1 Datasheet
110Kb / 6P
   MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
New Jersey Semi-Conduct...
2N4898 NJSEMI-2N4898 Datasheet
91Kb / 2P
   MEDIUM-POWER PNP SILICON TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com