Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT34C02VP2I-G5 Datasheet(PDF) 8 Page - ON Semiconductor

No. de pieza CAT34C02VP2I-G5
Descripción Electrónicos  2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect TSSOP?? Y SUFFIX
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT34C02VP2I-G5 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT34C02VP2I-G5 Datasheet HTML 4Page - ON Semiconductor CAT34C02VP2I-G5 Datasheet HTML 5Page - ON Semiconductor CAT34C02VP2I-G5 Datasheet HTML 6Page - ON Semiconductor CAT34C02VP2I-G5 Datasheet HTML 7Page - ON Semiconductor CAT34C02VP2I-G5 Datasheet HTML 8Page - ON Semiconductor CAT34C02VP2I-G5 Datasheet HTML 9Page - ON Semiconductor CAT34C02VP2I-G5 Datasheet HTML 10Page - ON Semiconductor CAT34C02VP2I-G5 Datasheet HTML 11Page - ON Semiconductor CAT34C02VP2I-G5 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CAT34C02
http://onsemi.com
8
Software Write Protection
The lower half of memory (first 128 bytes) can be
protected against Write requests by setting one of two
Software Write Protection (SWP) flags.
The Permanent Software Write Protection (PSWP) flag
can be set or read while all address pins are at regular CMOS
levels (GND or VCC), whereas the very high voltage VHV
must be present on address pin A0 to set, clear or read the
Reversible Software Write Protection (RSWP) flag. The
D.C. OPERATING CONDITIONS for RSWP operations
are shown in Table 8.
The SWP commands are listed in Table 9. All commands
are preceded by a START and terminated with a STOP,
following the ACK or NoACK from the CAT34C02. All
SWP related Slave addresses use the pre−amble: 0110 (6h),
instead of the regular 1010 (Ah) used for memory access.
For PSWP commands, the three address pins can be at any
logic level, whereas for RSWP commands the address pins
must be at pre−assigned logic levels. VHV is interpreted as
logic ‘1’. The VHV condition must be established on pin A0
before the START and maintained just beyond the STOP.
Otherwise an RSWP request could be interpreted by the
CAT34C02 as a PSWP request.
The SWP Slave addresses follow the standard I2C
convention, i.e. to read the state of the SWP flag, the LSB of
the Slave address must be ‘1’, and to set or clear a flag, it
must be ‘0’. For Write commands a dummy byte address and
dummy data byte must be provided (Figure 14). In contrast
to a regular memory Read, a SWP Read does not return Data.
Instead the CAT34C02 will respond with NoACK if the flag
is set and with ACK if the flag is not set. Therefore, the
Master can immediately follow up with a STOP, as there is
no meaningful data following the ACK interval (Figure 15).
Hardware Write Protection
With the WP pin held HIGH, the entire memory, as well
as the SWP flags are protected against Write operations, see
Memory Protection Map below. If the WP pin is left floating
or is grounded, it has no impact on the operation of the
CAT34C02.
The state of the WP pin is strobed on the last falling edge
of SCL immediately preceding the first data byte (Figure 9).
If the WP pin is HIGH during the strobe interval, the
CAT34C02 will not acknowledge the data byte and the Write
request will be rejected.
Software Write Protectable
(by setting the write
protect flags)
FFH
00H
7FH
Hardware Write Protectable
(by connecting WP pin to
VCC)
Figure 13. Memory Protection Map
Table 8. RSWP D.C. OPERATING CONDITIONS (Note 11)
Symbol
Parameter
Test Conditions
Min
Max
Units
DVHV
A0 Overdrive (VHV − VCC)
1.7 V < VCC < 3.6 V
4.8
V
IHVD
A0 High Voltage Detector Current
0.1
mA
VHV
A0 Very High Voltage
7
10
V
IHV
A0 Input Current @ VHV
1
mA
11. To prevent damaging the CAT34C02 while applying VHV, it is strongly recommended to limit the power delivered to pin A0, by inserting a series
resistor (> 1.5 kW) between the supply and the input pin. The resistance is only limited by the combination of VHV and maximum IHVD. While
the resistor can be omitted if VHV is clamped well below 10 V, it nevertheless provides simple protection against EOS events.
As an example: VCC = 1.7 V, VHV = 8 V, 1.5 kW < RS < 15 kW.


Número de pieza similar - CAT34C02VP2I-G5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT34C02VP2I-GT4 ONSEMI-CAT34C02VP2I-GT4 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02VP2I-GT4 ONSEMI-CAT34C02VP2I-GT4 Datasheet
229Kb / 17P
   EEPROM Serial 2-Kb I2C forDDR2 DIMM SPD
May, 2018 ??Rev. 20
CAT34C02VP2I-GT4A ONSEMI-CAT34C02VP2I-GT4A Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02VP2I-GT5 ONSEMI-CAT34C02VP2I-GT5 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02VP2I-GT5A ONSEMI-CAT34C02VP2I-GT5A Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
More results

Descripción similar - CAT34C02VP2I-G5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
   2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02VP2IGT4A ONSEMI-CAT34C02VP2IGT4A Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
March, 2011 ??Rev. 17
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02_05 Datasheet
275Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02_05 Datasheet
666Kb / 14P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02 Datasheet
433Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
34RC02 CATALYST-34RC02 Datasheet
445Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34FC02 CATALYST-CAT34FC02 Datasheet
451Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02_18 Datasheet
229Kb / 17P
   EEPROM Serial 2-Kb I2C forDDR2 DIMM SPD
May, 2018 ??Rev. 20
logo
STMicroelectronics
M34C02-W STMICROELECTRONICS-M34C02-W Datasheet
256Kb / 31P
   2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com