Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CS-4-12YB Datasheet(PDF) 5 Page - Coilcraft lnc. |
|
CS-4-12YB Datasheet(HTML) 5 Page - Coilcraft lnc. |
5 / 7 page ■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request. COPAL ELECTRONICS CS-4 ROTARY SELECTOR SWITCHES (SMD) 2 0 1.6 2.35 1.6 2 0 1.6 2.35 1.6 2 0 1.3 0.6 1.3 2 0 1.3 0.6 1.3 0 1.3 0.6 1.3 0 1.3 0.6 1.3 ● CS-4-12YB ● CS-4-12XB ● CS-4-22YA ● CS-4-12YA ● CS-4-12XA ● CS-4-13NA ● CS-4-14NA ● CS-4-22YA ● CS-4-13NB ● CS-4-14NB ● CS-4-22YB ● CS-4-22YB (Unit: mm) ■ RECOMMENDED P.C.B. PAD OUTLINE DIMENSIONS 注)0点は搭載中心とする Note) The zero point is the center of mounting. 5 1.3 6 – 0.5 t = 0.15 1.3 C 1 1 2 2 C 0.6 W × 2.3 L × 0.5 D Production date code 2.3 1.3 6 – 0.5 t = 0.15 1.3 C 1 1 2 2 C 5 2.3 0.6 W × 2.3 L × 0.5 D Production date code ■ OUTLINE DIMENSIONS Unless otherwise specified, tolerance: ± 0.3 (Unit: mm) |
Número de pieza similar - CS-4-12YB |
|
Descripción similar - CS-4-12YB |