Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7265BCPZ Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD7265BCPZ
Descripción Electrónicos  Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7265BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7265BCPZ Datasheet HTML 6Page - Analog Devices AD7265BCPZ Datasheet HTML 7Page - Analog Devices AD7265BCPZ Datasheet HTML 8Page - Analog Devices AD7265BCPZ Datasheet HTML 9Page - Analog Devices AD7265BCPZ Datasheet HTML 10Page - Analog Devices AD7265BCPZ Datasheet HTML 11Page - Analog Devices AD7265BCPZ Datasheet HTML 12Page - Analog Devices AD7265BCPZ Datasheet HTML 13Page - Analog Devices AD7265BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7265
Rev. A | Page 10 of 28
CODE
2046
2047
2049
2048
2050
10000
8000
9000
6000
7000
4000
5000
2000
1000
3000
0
10000
CODES
DIFFERENTIAL
MODE
INTERNAL
REFERENCE
VREF (V)
2.5
0
0.5
1.0
1.5
2.0
1.0
0.6
0.8
0.2
0.4
–0.2
0
–0.6
–0.4
–1.0
–0.8
VDD = 3V/5V
DIFFERENTIAL MODE
POSITIVE INL
POSITIVE DNL
NEGATIVE DNL
NEGATIVE INL
Figure 10. Linearity Error vs. V
Figure 13. Histogram of Codes for 10k Samples in Differential Mode
REF
VREF (V)
5.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
12.0
11.0
11.5
10.0
10.5
9.0
9.5
8.0
7.5
8.5
7.0
VDD = 5V
DIFFERENTIAL MODE
VDD = 3V
DIFFERENTIAL MODE
VDD = 3V
SINGLE-ENDED MODE
VDD = 5V
SINGLE-ENDED MODE
CODE
2046
2047
2048
2049
2050
10000
9000
8000
7000
6000
5000
4000
3000
2000
1000
0
9984
CODES
SINGLE-ENDED
MODE
INTERNAL
REFERENCE
5 CODES
11 CODES
Figure 11. Effective Number of Bits vs. VREF
Figure 14. Histogram of Codes for 10k Samples in Single-Ended Mode
CURRENT LOAD (
μA)
200
0
20
40
60
80
100
120
140
160
180
2.5010
2.5000
2.5005
2.4995
2.4990
2.4985
2.4980
RIPPLE FREQUENCY (kHz)
1200
0
200
400
600
800
1000
–60
–65
–70
–75
–80
–85
–95
–90
–100
DIFFERENTIAL MODE
VDD = 3V/5V
vs. Reference Output Current Drive
Figure 12. VREF
Figure 15. CMRR vs. Common-Mode Ripple Frequency


Número de pieza similar - AD7265BCPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7265BCPZ AD-AD7265BCPZ Datasheet
810Kb / 29P
   Differential/Single-Ended Input, 1 MSPS, 12-Bit, 3-Channel Dual SAR ADC
AD7265BCPZ-REEL7 AD-AD7265BCPZ-REEL7 Datasheet
810Kb / 29P
   Differential/Single-Ended Input, 1 MSPS, 12-Bit, 3-Channel Dual SAR ADC
More results

Descripción similar - AD7265BCPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7265 AD-AD7265_15 Datasheet
812Kb / 29P
   Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
AD7265 AD-AD7265_17 Datasheet
810Kb / 29P
   Differential/Single-Ended Input, 1 MSPS, 12-Bit, 3-Channel Dual SAR ADC
AD7266BSUZ AD-AD7266BSUZ Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
REV. B
AD7266 AD-AD7266_15 Datasheet
889Kb / 29P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
REV. B
AD7266 AD-AD7266_17 Datasheet
691Kb / 29P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
AD7265 AD-AD7265 Datasheet
706Kb / 16P
   Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrA
AD7266 AD-AD7266 Datasheet
752Kb / 17P
   Differential Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrG
AD7356 AD-AD7356 Datasheet
191Kb / 18P
   Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Rev. PrC
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com