Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM319N Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza LM319N
Descripción Electrónicos  Dual Comparator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM319N Datasheet(HTML) 1 Page - Fairchild Semiconductor

  LM319N Datasheet HTML 1Page - Fairchild Semiconductor LM319N Datasheet HTML 2Page - Fairchild Semiconductor LM319N Datasheet HTML 3Page - Fairchild Semiconductor LM319N Datasheet HTML 4Page - Fairchild Semiconductor LM319N Datasheet HTML 5Page - Fairchild Semiconductor LM319N Datasheet HTML 6Page - Fairchild Semiconductor LM319N Datasheet HTML 7Page - Fairchild Semiconductor LM319N Datasheet HTML 8Page - Fairchild Semiconductor LM319N Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.2
Features
• Operates from a single 5V supply
• Typically 80ns response time at
±15V
• Open collector outputs : up to + 35V
• High output drive current : 25mA
• Inputs and outputs can be isolated from system ground
• Minimum fan-out of 2 (each side)
• Two independent comparators
Description
The LM319 is a dual high speed voltage comparator
designed to operate from a single + 5V supply up to ±15V
dual supplies. Open collector of the output stage makes the
LM319 compatible with RTL, DTL and TTL as well as
capable of driving lamps
and
relays
at currents up to
25mA. Typical response time of 80ns with ±15V power
supplies makes the LM319 ideal for application in fast A/D
converts, level shifters, oscillators, and multivibrators.
14-SOP
14-DIP
1
1
Internal Block Diagram
LM319
Dual Comparator


Número de pieza similar - LM319N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM319N NSC-LM319N Datasheet
329Kb / 11P
   High Speed Dual Comparator
logo
NXP Semiconductors
LM319N PHILIPS-LM319N Datasheet
111Kb / 5P
   Dual voltage comparator
August 31, 1994
logo
STMicroelectronics
LM319N STMICROELECTRONICS-LM319N Datasheet
122Kb / 9P
   HIGH SPEED DUAL COMPARATORS
logo
Linear Technology
LM319N LINER-LM319N Datasheet
240Kb / 8P
   Dual Comparator
logo
STMicroelectronics
LM319N STMICROELECTRONICS-LM319N Datasheet
589Kb / 12P
   High speed dual comparators
More results

Descripción similar - LM319N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HA17903 HITACHI-HA17903 Datasheet
40Kb / 8P
   Dual Comparator
logo
Mitsubishi Electric Sem...
M51923P MITSUBISHI-M51923P Datasheet
110Kb / 4P
   DUAL COMPARATOR
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319_12 Datasheet
174Kb / 8P
   Dual Comparator
logo
Renesas Technology Corp
M5233L RENESAS-M5233L Datasheet
1Mb / 4P
   DUAL COMPARATOR
logo
Linear Technology
LM119 LINER-LM119_15 Datasheet
198Kb / 12P
   Dual Comparator
LT319A LINER-LT319A_15 Datasheet
198Kb / 12P
   Dual Comparator
LM319 LINER-LM319_15 Datasheet
198Kb / 12P
   Dual Comparator
LT119A LINER-LT119A_15 Datasheet
198Kb / 12P
   Dual Comparator
logo
Fujitsu Component Limit...
MB47393 FUJITSU-MB47393 Datasheet
81Kb / 9P
   DUAL COMPARATOR
logo
Renesas Technology Corp
M51923P RENESAS-M51923P Datasheet
1Mb / 5P
   DUAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com