Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM258N Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza LM258N
Descripción Electrónicos  Dual Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM258N Datasheet(HTML) 3 Page - Fairchild Semiconductor

  LM258N Datasheet HTML 1Page - Fairchild Semiconductor LM258N Datasheet HTML 2Page - Fairchild Semiconductor LM258N Datasheet HTML 3Page - Fairchild Semiconductor LM258N Datasheet HTML 4Page - Fairchild Semiconductor LM258N Datasheet HTML 5Page - Fairchild Semiconductor LM258N Datasheet HTML 6Page - Fairchild Semiconductor LM258N Datasheet HTML 7Page - Fairchild Semiconductor LM258N Datasheet HTML 8Page - Fairchild Semiconductor LM258N Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LM2904,LM358/LM358A,LM258/LM258A
3
Electrical Characteristics
(Vcc = 5.0V, VEE = GND, TA = 25
°C, unless otherwise specified)
Note:
1. This parameter, although guaranteed, is not 100% tested in production.
Parameter
Symbol
Conditions
LM258
LM358
LM2904
Unit
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
Input Offset
Voltage
VIO
VCM = 0V to VCC
-1.5V
VO(P) = 1.4V,
RS = 0
-
2.9
5.0
-
2.9
7.0
-
2.9
7.0
mV
Input Offset
Current
IIO
--
3
30
-
5
50
-
5
50
nA
Input Bias
Current
IBIAS
-
-
45
150
-
45
250
-
45
250
nA
Input Voltage
Range
VI(R)
VCC = 30V
(LM2904, VCC=26V)
0-
Vcc
-1.5
0-
Vcc
-1.5
0
-
Vcc
-1.5
V
Supply Current
ICC
RL =
∞, VCC = 30V
(LM2904, VCC=26V)
-
0.8
2.0
-
0.8
2.0
-
0.8
2.0
mA
RL =
∞, VCC = 5V
-
0.5
1.2
-
0.5
1.2
-
0.5
1.2
mA
Large Signal
Voltage Gain
GV
VCC = 15V,
RL
= 2kΩ
VO(P) = 1V to 11V
50
100
-
25
100
-
25
100
-
V/mV
Output Voltage
Swing
VO(H)
VCC=30V
(VCC
=26V for
LM2904)
RL = 2k
Ω 26
-
-
26
-
-
22
-
-
V
RL=
10k
27
28
-
27
28
-
23
24
-
V
VO(L)
VCC = 5V, RL
= 10kΩ
-
5
20
-
5
20
-
5
20
mV
Common-Mode
Rejection Ratio
CMRR
-
70
85
-
65
80
-
50
80
-
dB
Power Supply
Rejection Ratio
PSRR
-
65
100
-
65
100
-
50
100
-
dB
Channel
Separation
CS
f = 1kHz to 20kHz
(Note1)
-
120
-
-
120
-
-
120
-
dB
Short Circuit to
GND
ISC
-
-
40
60
-
40
60
-
40
60
mA
Output Current
ISOURCE
VI(+) = 1V,
VI(-) = 0V
VCC = 15V,
VO(P) = 2V
20
30
-
20
30
-
20
30
-
mA
ISINK
VI(+) = 0V, VI(-) = 1V,
VCC = 15V,
VO(P) = 2V
10
15
-
10
15
-
10
15
-
mA
VI(+) = 0V,VI(-) =1V ,
VCC = 15V,
VO(P) = 200mV
12
100
-
12
100
-
-
-
-
µA
Differential
Input Voltage
VI(DIFF)
--
-
VCC
--
VCC
--
VCC
V


Número de pieza similar - LM258N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
LM258N MOTOROLA-LM258N Datasheet
160Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM258N ONSEMI-LM258N Datasheet
160Kb / 16P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
logo
NXP Semiconductors
LM258N PHILIPS-LM258N Datasheet
122Kb / 12P
   Low power dual operational amplifi
2002 Jul 12
logo
STMicroelectronics
LM258N STMICROELECTRONICS-LM258N Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
LM258N STMICROELECTRONICS-LM258N Datasheet
271Kb / 16P
   Low Power Dual Operational Amplifiers
More results

Descripción similar - LM258N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com