Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI6433BDQ-T1-GE3 Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SI6433BDQ-T1-GE3
Descripción Electrónicos  P-Channel 2.5-V (G-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6433BDQ-T1-GE3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI6433BDQ-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI6433BDQ-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI6433BDQ-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI6433BDQ-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI6433BDQ-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI6433BDQ-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI6433BDQ-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI6433BDQ-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI6433BDQ-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Document Number: 72511
S-80682-Rev. C, 31-Mar-08
www.vishay.com
3
Vishay Siliconix
Si6433BDQ
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
On-Resistance vs. Drain Current
Gate Charge
Source-Drain Diode Forward Voltage
0.00
0.02
0.04
0.06
0.08
0.10
04
8
12
16
20
ID - Drain Current (A)
VGS = 4.5 V
V
GS = 2.5 V
0
1
2
3
4
5
6
0
3
6
9
12
15
VDS = 6 V
ID = 4.8 A
Qg - Total Gate Charge (nC)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 25 °C
10
0.1
VSD - Source-to-Drain Voltage (V)
TJ = 150 °C
1
Capacitance
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
0
300
600
900
1200
1500
0
246
8
10
12
VDS - Drain-to-Source Voltage (V)
Crss
Coss
Ciss
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
VGS = 4.5 V
I
D = 4.8 A
T
J - Junction Temperature (°C)
0.00
0.03
0.06
0.09
0.12
0.15
0
123
456
ID = 4.8 A
V
GS - Gate-to-Source Voltage (V)


Número de pieza similar - SI6433BDQ-T1-GE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI6433BDQ VISHAY-SI6433BDQ Datasheet
221Kb / 3P
   P-Channel 2.5-V (G-S) MOSFET
21-May-04
SI6433BDQ VISHAY-SI6433BDQ Datasheet
100Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
SI6433BDQ VISHAY-SI6433BDQ_08 Datasheet
100Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
More results

Descripción similar - SI6433BDQ-T1-GE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI2301ADS VISHAY-SI2301ADS Datasheet
39Kb / 4P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Apr-02
SI4493DY VISHAY-SI4493DY Datasheet
44Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. A, 07-Jul-03
logo
Guangdong Kexin Industr...
KI1303EDL KEXIN-KI1303EDL Datasheet
60Kb / 2P
   P-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3443BDV VISHAY-SI3443BDV Datasheet
210Kb / 10P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 20-Apr-09
SI2301BDS VISHAY-SI2301BDS_V01 Datasheet
180Kb / 8P
   P-Channel 2.5 V (G-S) MOSFET
01-Jan-2022
SI3443DV-T1 VISHAY-SI3443DV-T1 Datasheet
64Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Sep-97
SI2301BDS-T1-GE3 VISHAY-SI2301BDS-T1-GE3 Datasheet
213Kb / 9P
   P-Channel 2.5 V (G-S) MOSFET
Rev. F, 17-Oct-11
SI3441DV-T1 VISHAY-SI3441DV-T1 Datasheet
52Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. G, 01-Apr-02
SI6433BDQ VISHAY-SI6433BDQ_08 Datasheet
100Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
Rev. C, 31-Mar-08
SI1403BDL VISHAY-SI1403BDL Datasheet
130Kb / 6P
   P-Channel 2.5-V (G-S) MOSFET
S-71951-Rev. B, 10-Sep-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com