Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM431SCCML Datasheet(PDF) 9 Page - Fairchild Semiconductor

No. de pieza LM431SCCML
Descripción Electrónicos  Programmable Shunt Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM431SCCML Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button LM431SCCML Datasheet HTML 2Page - Fairchild Semiconductor LM431SCCML Datasheet HTML 3Page - Fairchild Semiconductor LM431SCCML Datasheet HTML 4Page - Fairchild Semiconductor LM431SCCML Datasheet HTML 5Page - Fairchild Semiconductor LM431SCCML Datasheet HTML 6Page - Fairchild Semiconductor LM431SCCML Datasheet HTML 7Page - Fairchild Semiconductor LM431SCCML Datasheet HTML 8Page - Fairchild Semiconductor LM431SCCML Datasheet HTML 9Page - Fairchild Semiconductor LM431SCCML Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LM431SA/LM431SB/LM431SC
9
Mechanical Dimensions (Continued)
Package
Dimensions in millimeters
Marking
SOT-89
0.40
±0.10
(0.40)
0.40
+0.10
–0.05
0.50
±0.10
1.65
±0.10
4.50
±0.20
1.50
±0.20
C0.2
1.50 TYP 1.50 TYP
43A
2% tolerance
1% tolerance
0.5% tolerance
43B
43C


Número de pieza similar - LM431SCCML

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
LM431SCCML FAIRCHILD-LM431SCCML Datasheet
222Kb / 11P
   Programmable Shunt Regulator
LM431SCCML FAIRCHILD-LM431SCCML Datasheet
117Kb / 11P
   Programmable Shunt Regulator
LM431SCCMLX FAIRCHILD-LM431SCCMLX Datasheet
420Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
LM431SCCMLX ONSEMI-LM431SCCMLX Datasheet
260Kb / 12P
   Programmable Shunt Regulator
July, 2018 ??Rev. 8
More results

Descripción similar - LM431SCCML

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
   Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
   Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
   Programmable Shunt Regulator
March 2015 Rev. 6.7
logo
Fairchild Semiconductor
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
   Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
   Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
   Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
   Programmable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com