Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM79XXAT Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza LM79XXAT
Descripción Electrónicos  3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM79XXAT Datasheet(HTML) 1 Page - Fairchild Semiconductor

  LM79XXAT Datasheet HTML 1Page - Fairchild Semiconductor LM79XXAT Datasheet HTML 2Page - Fairchild Semiconductor LM79XXAT Datasheet HTML 3Page - Fairchild Semiconductor LM79XXAT Datasheet HTML 4Page - Fairchild Semiconductor LM79XXAT Datasheet HTML 5Page - Fairchild Semiconductor LM79XXAT Datasheet HTML 6Page - Fairchild Semiconductor LM79XXAT Datasheet HTML 7Page - Fairchild Semiconductor LM79XXAT Datasheet HTML 8Page - Fairchild Semiconductor LM79XXAT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM79XX/A (KA79XX, MC79XX) FIXED VOLTAGE REGULATOR (NEGATIVE)
3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
The LM79XX series of three-terminal negative regulators are available in
TO-220 package and with several fixed output voltages, making them useful
in a wide range of applications. Each type employs internal current limiting,
thermal shut-down and safe area protection, making it essentially indestructible.
FEATURES
• Output Current in Excess of 1A
• Output Voltages of -5, -6, -8, -12, -15, -18, -24V
• Internal Thermal Overload Protection
• Short Circuit Protection
• Output Transistor Safe-Area Compensation
LM79XXCT
± 4%
LM79XXAT
± 2%
VOLTAGE
REFERENCE
+
-
PROTECTION
CIRCUITRY
R1
R2
Rsc
GND
I1
I2
Out
In
Q1
Q2
TO-220
1: GND 2: Input 3: Output
Device
Operating Temperature
Package
0 ~ +125
°C
Output Voltage
Tolerance
TO-220
ORDERING INFORMATION
BLOCK DIAGRAM
©1999 Fairchild Semiconductor Corporation
Rev. B


Número de pieza similar - LM79XXAT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
LM79XXA UTC-LM79XXA Datasheet
336Kb / 6P
   3 TERMINAL 1.5A NEGATIVE VOLTAGE REGULATOR
LM79XXAG-TA3-T UTC-LM79XXAG-TA3-T Datasheet
336Kb / 6P
   3 TERMINAL 1.5A NEGATIVE VOLTAGE REGULATOR
LM79XXAG-TF3-T UTC-LM79XXAG-TF3-T Datasheet
336Kb / 6P
   3 TERMINAL 1.5A NEGATIVE VOLTAGE REGULATOR
LM79XXAL-TA3-T UTC-LM79XXAL-TA3-T Datasheet
336Kb / 6P
   3 TERMINAL 1.5A NEGATIVE VOLTAGE REGULATOR
LM79XXAL-TF3-T UTC-LM79XXAL-TF3-T Datasheet
336Kb / 6P
   3 TERMINAL 1.5A NEGATIVE VOLTAGE REGULATOR
More results

Descripción similar - LM79XXAT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SHANTOU HUASHAN ELECTRO...
H7905 HUASHAN-H7905 Datasheet
220Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7915 HUASHAN-H7915 Datasheet
220Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7906 HUASHAN-H7906 Datasheet
216Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7909 HUASHAN-H7909 Datasheet
211Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
H7912 ETC2-H7912 Datasheet
162Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
Fairchild Semiconductor
MC79XX FAIRCHILD-MC79XX Datasheet
117Kb / 15P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
SHANTOU HUASHAN ELECTRO...
H7924 HUASHAN-H7924 Datasheet
219Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7912 HUASHAN-H7912 Datasheet
217Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7918 HUASHAN-H7918 Datasheet
217Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7908 HUASHAN-H7908 Datasheet
218Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com