Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMV321AS5X Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza LMV321AS5X
Descripción Electrónicos  General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LMV321AS5X Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button LMV321AS5X Datasheet HTML 3Page - Fairchild Semiconductor LMV321AS5X Datasheet HTML 4Page - Fairchild Semiconductor LMV321AS5X Datasheet HTML 5Page - Fairchild Semiconductor LMV321AS5X Datasheet HTML 6Page - Fairchild Semiconductor LMV321AS5X Datasheet HTML 7Page - Fairchild Semiconductor LMV321AS5X Datasheet HTML 8Page - Fairchild Semiconductor LMV321AS5X Datasheet HTML 9Page - Fairchild Semiconductor LMV321AS5X Datasheet HTML 10Page - Fairchild Semiconductor LMV321AS5X Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LMV321/LMV358/LMV324
DATA SHEET
REV. 1A April 2004
7
Application Information
General Description
The LMV3XX family are single supply, general purpose,
voltage-feedback amplifiers that are pin-for-pin compatible
and drop in replacements with other industry standard
LMV321, LMV358, and LMV324 amplifiers. The LMV3XX
family is fabricated on a CMOS process, features a rail-to-rail
output, and is unity gain stable.
The typical non-inverting circuit schematic is shown in Figure
1.
Figure 1: Typical Non-inverting configuration
Power Dissipation
The maximum internal power dissipation allowed is directly
related to the maximum junction temperature. If the maximum
junction temperature exceeds 150°C, some performance
degradation will occur. If the maximum junction temperature
exceeds 175°C for an extended time, device failure may occur.
Driving Capacitive Loads
The Frequency Response vs CL plot on page 4, illustrates the
response of the LMV3XX family. A small series resistance (Rs)
at the output of the amplifier, illustrated in Figure 2, will improve
stability and settling performance. Rs values in the Frequency
Response vs CL plot were chosen to achieve maximum band-
width with less than 1dB of peaking. For maximum flatness,
use a larger Rs. As the plot indicates, the LMV3XX family
can easily drive a 200pF capacitive load without a series
resistance. For comparison, the plot also shows the LMV321
driving a 200pF load with a 225
Ω series resistance.
Driving a capacitive load introduces phase-lag into the output
signal, which reduces phase margin in the amplifier. The
unity gain follower is the most sensitive configuration. In a
unity gain follower configuration, the LMV3XX family
requires a 450
Ω series resistor to drive a 200pF load. The
response is illustrated in Figure 3.
Figure 2: Typical Topology for driving a
capacitive load
Figure 3: Frequency Response vs CL for unity
gain configuration
Layout Considerations
General layout and supply bypassing play major roles in high
frequency performance. Fairchild has evaluation boards to
use as a guide for high frequency layout and as aid in device
testing and characterization. Follow the steps below as a
basis for high frequency layout:
• Include 6.8
µF and 0.01µF ceramic capacitors
• Place the 6.8
µF capacitor within 0.75 inches of
the power pin
• Place the 0.01
µF capacitor within 0.1 inches of
the power pin
• Remove the ground plane under and around the part,
especially near the input and output pins to reduce
parasitic capacitance
• Minimize all trace lengths to reduce series inductances
Refer to the evaluation board layouts shown in Figure 5 on
page 8 for more information.
+
-
LMV3XX
Rf
0.01
µF
6.8
µF
Out
+In
+Vs
+
Rg
+
-
10k
10k
Rs
CL
2k
LMV3XX
Frequency (M H z )
0.01
0.1
1
10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
CL = 50pF
Rs = 0
CL = 100pF
Rs = 400Ω
CL = 200pF
Rs = 450Ω


Número de pieza similar - LMV321AS5X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
LMV321AS5X FAIRCHILD-LMV321AS5X_12 Datasheet
1Mb / 16P
   General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
More results

Descripción similar - LMV321AS5X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
LMV321 FAIRCHILD-LMV321_12 Datasheet
1Mb / 16P
   General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
logo
Unisonic Technologies
LLV321 UTC-LLV321 Datasheet
202Kb / 6P
   GENERAL PURPOSE, LOW VOLTAGE,RAIL-TO-RAIL OUTPUT AMPLIFIERS
LMV358 UTC-LMV358_05 Datasheet
269Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321_10 Datasheet
625Kb / 15P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
DS33196 Rev. 5 - 2
logo
Unisonic Technologies
LMV358 UTC-LMV358_09 Datasheet
459Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
UTCLMV358 UTC-UTCLMV358 Datasheet
925Kb / 9P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV324 UTC-LV324 Datasheet
184Kb / 6P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321 Datasheet
630Kb / 16P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
/LMV324 Rev. 1
logo
National Semiconductor ...
LMV321 NSC-LMV321 Datasheet
1Mb / 27P
   General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
L6132 UTC-L6132 Datasheet
390Kb / 11P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16