Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC78M08CT Datasheet(PDF) 9 Page - Fairchild Semiconductor

No. de pieza MC78M08CT
Descripción Electrónicos  3-Terminal 0.5A Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC78M08CT Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button MC78M08CT Datasheet HTML 5Page - Fairchild Semiconductor MC78M08CT Datasheet HTML 6Page - Fairchild Semiconductor MC78M08CT Datasheet HTML 7Page - Fairchild Semiconductor MC78M08CT Datasheet HTML 8Page - Fairchild Semiconductor MC78M08CT Datasheet HTML 9Page - Fairchild Semiconductor MC78M08CT Datasheet HTML 10Page - Fairchild Semiconductor MC78M08CT Datasheet HTML 11Page - Fairchild Semiconductor MC78M08CT Datasheet HTML 12Page - Fairchild Semiconductor MC78M08CT Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MC78MXX/LM78MXX
9
Typical Applications
Figure 1. Fixed Output Regulator
Figure 2. Constant Current Regulator
Notes:
1. To specify an output voltage, substitute voltage value for "XX"
2. Although no output capacitor is needed for stability, it does improve transient response.
3. CI is required if regulator is located an appreciable distance from power Supply filter
Figure 3. Circuit for Increasing Output Voltage
0.1
µF
CO
CI
0.3
µF
VO
VI
MC78MXX
LM78MXX
1
3
2
0.1
µF
CO
CI
0.33
µF
IO
VI
MC78MXX
LM78MXX
1
3
2
VXX
IO
R1
IO = R1 +IO
Vxx
0.1
µF
CO
CI
0.33
µF
IO
VI
MC78MXX
LM78MXX
1
3
2
VXX
VO
R1
R2
IR1
≥ 5IO
VO = VXX (1+R2/R1) +IOR2


Número de pieza similar - MC78M08CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC78M08CT MOTOROLA-MC78M08CT Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78M08CT ONSEMI-MC78M08CT Datasheet
153Kb / 16P
   500 mA Positive Voltage Regulators
November, 2005 ??Rev. 16
logo
Fairchild Semiconductor
MC78M08CT FAIRCHILD-MC78M08CT Datasheet
278Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
ON Semiconductor
MC78M08CTG ONSEMI-MC78M08CTG Datasheet
153Kb / 16P
   500 mA Positive Voltage Regulators
November, 2005 ??Rev. 16
MC78M08CTG ONSEMI-MC78M08CTG Datasheet
209Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
More results

Descripción similar - MC78M08CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
78MXX UTC-78MXX_09 Datasheet
284Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX_09 Datasheet
278Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78M05RTF FAIRCHILD-KA78M05RTF Datasheet
94Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78MXX UTC-78MXX_V01 Datasheet
357Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXX UTC-78MXX_11 Datasheet
336Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78MXX ETL-78MXX Datasheet
344Kb / 9P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78MXX FAIRCHILD-KA78MXX_02 Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78MXX FAIRCHILD-KA78MXX Datasheet
81Kb / 16P
   3-terminal 0.5A positive voltage regulator
logo
KODENSHI_AUK CORP.
SN78M05D KODENSHI-SN78M05D Datasheet
599Kb / 18P
   3 Terminal 0.5A Positive Voltage Regulator
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX Datasheet
419Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com