Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMT102-1000-I5000-S Datasheet(PDF) 7 Page - CUI INC

No. de pieza AMT102-1000-I5000-S
Descripción Electrónicos  MODULAR ENCODER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CUI [CUI INC]
Página de inicio  http://www.cui.com
Logo CUI - CUI INC

AMT102-1000-I5000-S Datasheet(HTML) 7 Page - CUI INC

  AMT102-1000-I5000-S Datasheet HTML 1Page - CUI INC AMT102-1000-I5000-S Datasheet HTML 2Page - CUI INC AMT102-1000-I5000-S Datasheet HTML 3Page - CUI INC AMT102-1000-I5000-S Datasheet HTML 4Page - CUI INC AMT102-1000-I5000-S Datasheet HTML 5Page - CUI INC AMT102-1000-I5000-S Datasheet HTML 6Page - CUI INC AMT102-1000-I5000-S Datasheet HTML 7Page - CUI INC AMT102-1000-I5000-S Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
cui.com
date
07/26/2013 │ page 7 of 8
CUI Inc
│ SERIES: AMT10X │ DESCRIPTION: MODULAR ENCODER
MECHANICAL DRAWING
PIN-OUT
UNUSED
PIN
B
5V
X
(SOLD SEPERATELY)
DESCRIPTION
INDEX OUPUT
GROUND
+5VDC POWER
A CHANNEL
B CHANNEL
G
A
MATING CONNECTOR
MOLEX 50-57-9405 HOUSING
MOLEX 16-02-0086 TERMINALS
CABLES AVAILABLE
T
DESCRIPTION
PIN-OUT
PIN
B
5V
X
A
G
B CHANNEL
A CHANNEL
+5VDC POWER
GROUND
INDEX OUPUT
MATING CONNECTOR
AMP 3-641237-5 (GOLD)
AMP 3-640440-5 (TIN)
CABLES AVAILABLE
(SOLD SEPERATELY)


Número de pieza similar - AMT102-1000-I5000-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CUI Devices
AMT102-0512-15000-S CUID-AMT102-0512-15000-S Datasheet
869Kb / 8P
   MODULAR INCREMENTAL ENCODER
08/05/2022
logo
CUI INC
AMT102-D0048-I2000-S CUI-AMT102-D0048-I2000-S Datasheet
948Kb / 8P
   MODULAR INCREMENTAL ENCODER
08/04/2021
logo
CUI Devices
AMT102-D0048-I2000-S CUID-AMT102-D0048-I2000-S Datasheet
869Kb / 8P
   MODULAR INCREMENTAL ENCODER
08/05/2022
logo
CUI INC
AMT102-D0048-I2000-W CUI-AMT102-D0048-I2000-W Datasheet
948Kb / 8P
   MODULAR INCREMENTAL ENCODER
08/04/2021
logo
CUI Devices
AMT102-D0048-I2000-W CUID-AMT102-D0048-I2000-W Datasheet
869Kb / 8P
   MODULAR INCREMENTAL ENCODER
08/05/2022
More results

Descripción similar - AMT102-1000-I5000-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CUI INC
AMT203 CUI-AMT203_13 Datasheet
524Kb / 7P
   MODULAR ENCODER
AMT303 CUI-AMT303_13 Datasheet
569Kb / 6P
   MODULAR ENCODER
AMT30 CUI-AMT30 Datasheet
624Kb / 6P
   MODULAR ENCODER
AMT303 CUI-AMT303_11 Datasheet
695Kb / 6P
   MODULAR ENCODER
LME CUI-LME Datasheet
874Kb / 5P
   modular incremental encoder
AMT31 CUI-AMT31 Datasheet
814Kb / 10P
   MODULAR COMMUTATION ENCODER
BME CUI-BME Datasheet
343Kb / 6P
   modular incremental encoder
01/2009
AMT11A CUI-AMT11A Datasheet
721Kb / 9P
   MODULAR INCREMENTAL ENCODER
11/18/2021
AMT22 CUI-AMT22_V01 Datasheet
687Kb / 9P
   MODULAR ABSOLUTE ENCODER
02/22/2022
AMT10 CUI-AMT10_V01 Datasheet
948Kb / 8P
   MODULAR INCREMENTAL ENCODER
08/04/2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com