Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMT102-0096-I6000-S Datasheet(PDF) 1 Page - CUI INC

No. de pieza AMT102-0096-I6000-S
Descripción Electrónicos  MODULAR ENCODER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CUI [CUI INC]
Página de inicio  http://www.cui.com
Logo CUI - CUI INC

AMT102-0096-I6000-S Datasheet(HTML) 1 Page - CUI INC

  AMT102-0096-I6000-S Datasheet HTML 1Page - CUI INC AMT102-0096-I6000-S Datasheet HTML 2Page - CUI INC AMT102-0096-I6000-S Datasheet HTML 3Page - CUI INC AMT102-0096-I6000-S Datasheet HTML 4Page - CUI INC AMT102-0096-I6000-S Datasheet HTML 5Page - CUI INC AMT102-0096-I6000-S Datasheet HTML 6Page - CUI INC AMT102-0096-I6000-S Datasheet HTML 7Page - CUI INC AMT102-0096-I6000-S Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
cui.com
date
07/26/2013
page
1 of 8
SERIES:
AMT10X │ DESCRIPTION: MODULAR ENCODER
ELECTRICAL
parameter
conditions/description
min
typ
max
units
power supply
3.6
5.5
V
current consumption
excluding output load
6
10
mA
incremental output signals
Quadrature A/B and X index (A/B/X line driver available
with CUI-10XE-10)
output phase difference
90° (B ch leads A ch in CW direction viewed from front)
incremental output waveform
TTL voltage square wave
incremental output resolutions2
48, 96, 100, 125, 192, 200, 250, 256, 384, 400,
500, 512, 800, 1000, 1024, 2048
PPR
index
one pulse per 360 deg.
output current
sink/source
line driver cable (sink/source)
10
20
mA
mA
accuracy3
±15 arcmin (at 192, 384, 400, 500, 800, 1000, 1024, 2048 ppr)
±30 arcmin (at 96, 200, 250, 512 ppr)
±60 arcmin (at 48, 100, 125, 256 ppr)
rotational speed
at 192, 384, 400, 500, 800, 1000, 1024, 2048 ppr
at 48, 96, 100, 125, 200, 250, 256, 512 ppr
7,500
15,000
rpm
rpm
square wave duty cycle
50% ±2% (at 256, 512, 1024, 2048)
50% ±≤6% (at 48, 96, 100, 125, 192, 200, 250, 384, 400, 500)
50% ±≤12% (at 800, 1000)
1. Some stepper motors may leak a magnetic field causing the AMT index pulse to not function properly.
2. All resolutions stated are before quadrature decoding. (example: 1000 ppr x 4 = 4000 counts)
3. Based on full production testing standards and includes all electronic and mechanical based errors, not a computed estimate.
MECHANICAL
parameter
conditions/description
min
typ
max
units
weight
AMT102
AMT103
20.5
14.0
g
g
axial play
±0.3
mm
angular acceleration
1x104
rad/sec2
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-40
100
°C
humidity
non-condensing
95
%
vibration
20 ~ 500 Hz, 1 hour each XYZ
10
G
shock
11 ms pulse, ±XYZ direction
50
G
FEATURES
•patented capacitive technology
•16 dip switch programmable resolutions
•straight (radial) and right-angle (axial) versions
•9 different mounting hole options for AMT102
•6 different mounting hole options for AMT103
•low power consumption
•line driver output available (CUI-10XE-10)
•-40°C to 100°C operating temperature
•TTL voltage output
•modular package


Número de pieza similar - AMT102-0096-I6000-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CUI Devices
AMT102-0512-15000-S CUID-AMT102-0512-15000-S Datasheet
869Kb / 8P
   MODULAR INCREMENTAL ENCODER
08/05/2022
More results

Descripción similar - AMT102-0096-I6000-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CUI INC
AMT203 CUI-AMT203_13 Datasheet
524Kb / 7P
   MODULAR ENCODER
AMT303 CUI-AMT303_13 Datasheet
569Kb / 6P
   MODULAR ENCODER
AMT30 CUI-AMT30 Datasheet
624Kb / 6P
   MODULAR ENCODER
AMT303 CUI-AMT303_11 Datasheet
695Kb / 6P
   MODULAR ENCODER
LME CUI-LME Datasheet
874Kb / 5P
   modular incremental encoder
AMT31 CUI-AMT31 Datasheet
814Kb / 10P
   MODULAR COMMUTATION ENCODER
BME CUI-BME Datasheet
343Kb / 6P
   modular incremental encoder
01/2009
AMT11A CUI-AMT11A Datasheet
721Kb / 9P
   MODULAR INCREMENTAL ENCODER
11/18/2021
AMT22 CUI-AMT22_V01 Datasheet
687Kb / 9P
   MODULAR ABSOLUTE ENCODER
02/22/2022
AMT10 CUI-AMT10_V01 Datasheet
948Kb / 8P
   MODULAR INCREMENTAL ENCODER
08/04/2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com