Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ILC555D Datasheet(PDF) 1 Page - IK Semicon Co., Ltd |
|
ILC555D Datasheet(HTML) 1 Page - IK Semicon Co., Ltd |
1 / 5 page TECHNICAL DATA 2011, January, ver.01 CMOS general purpose timer The ILC555 is CMOS RC timers providing significantly improved performance over the standard SE/NE555 and 355 timers, while at the same time being direct replacements for those devices in most applications. Improved parameters include low supply current, wide operating supply voltage range, low THRESHOLD, TRIGGER and RESET currents, no crowbarring of the supply current during output transitions, higher frequency performance and no requirement to decouple CONTROL VOLTAGE for stable operation. Specifically, the ILC555 is stable controller capable of producing accurate time delays of frequencies. • Exact equivalent in most cases for SE/NE555. • Low Supply Current. • High speed operation – 500 kHz guaranteed. • Wide operation supply voltage range – 2 to 18 volts. • Timing from microseconds through hours. • Operates in both astable and monostable modes. • Adjustable duty cycle. • High output source/sink driver can drive TTL/CMOS ILC555 ORDERING INFORMATION ILC555N Plastic ILC555D SOIC TA = -20° to 70° C for all packages. PIN ASSIGNMENT OUTPUT TRIGGER RESET ILC555N DISCHARGE V CC 01 02 03 04 05 06 07 08 THRESHOLD CONTROL VOLTAGE GND |
Número de pieza similar - ILC555D |
|
Descripción similar - ILC555D |