Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML2003CP Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza ML2003CP
Descripción Electrónicos  Logarithmic Gain/Attenuator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML2003CP Datasheet(HTML) 4 Page - Fairchild Semiconductor

  ML2003CP Datasheet HTML 1Page - Fairchild Semiconductor ML2003CP Datasheet HTML 2Page - Fairchild Semiconductor ML2003CP Datasheet HTML 3Page - Fairchild Semiconductor ML2003CP Datasheet HTML 4Page - Fairchild Semiconductor ML2003CP Datasheet HTML 5Page - Fairchild Semiconductor ML2003CP Datasheet HTML 6Page - Fairchild Semiconductor ML2003CP Datasheet HTML 7Page - Fairchild Semiconductor ML2003CP Datasheet HTML 8Page - Fairchild Semiconductor ML2003CP Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ML2003, ML2004
PRODUCT SPECIFICATION
4
REV. 1.1.1 3/19/01
Notes:
1. Absolute maximum ratings are limits beyond which the life of the integrated circuit may be impaired. All voltages unless
otherwise specified are measured with respect to ground.
2. 0°C to +70°C and –40°C to +85°C operating temperature range devices are 100% tested with temperature limits guaranteed
by 100% testing, sampling, or by correlation with worst-case test conditions.
3. Typicals are parametric norm at 25°C.
4. Parameter guaranteed and 100% production tested.
5. Parameter guaranteed. Parameters not 100% tested are not in outgoing quality level calculation.
VOH
Digital Output High
Voltage
4IOH = -1mA
4.0
V
INS
Input Current, SER/
PAR
4VIH = GND
-5
-100
µA
IND
Input Current,
All Digital Inputs
Except SER/PER
4VIH = VCC
5
100
µA
ICC
VCC Supply Current
4
No output load, VIL = GND,
VIH = VCC, VIN = 0
4
mA
ISS
VSS Supply Current
4
No output load, VIL = GND,
VIH = VCC, VIN = 0
-4
mA
ICCP
VCC Supply Current,
Powerdown Mode
4
No output load, VIL = GND,
VIH = VCC
0.5
mA
ISSP
VSS Supply Current
Powerdown Mode
4
No output load, VIL = GND,
VIH = VCC
-0.1
mA
AC Characteristics
tSET
VOUT Settling Time
4
VIN = 0.185V. Change gain from –24 to
+24dB. Measure from LATI rising edge to
when VOUT settles to within 0.05dB of final
value.
20
µs
tSTEP
VOUT Step Response
4
Gain = +24dB. VIN = -0.185 to +0.185V
step. Measure when VOUT settles to within
0.05dB of final value.
20
µs
tSCK
SCK On/Off Period
4
250
ns
tS
SID Data Setup Time
4
50
ns
tH
SID Data Hold Time
4
50
ns
tD
SOD Data Delay
4
0
125
ns
tIPW
LATI Pulse Width
4
50
ns
tOPW
LATO Pulse Width
4
50
ns
tIS, tOS LATI, LATO Setup
Time
450
ns
tIH,
tOH
LATI, LATO Hold
Time
550
ns
tPLD
SOD Parallel Load
Delay
4
0
125
ns
Electrical Characteristics (continued)
Unless otherwise specified TA = TMIN to TMAX, VCC = 5V ± 10%, VSS = -5V ±10%, Data Word: ATTEN/GAIN = 1,
Other Bits = 0(0dB Ideal Gain), CL = 100pF, RL = 600
Ω, SCK = LATI = LATO = 0, dBm measurements use 600Ω as
reference load, digital timing measured at 1.4 V, CL = 100pF or SOD.
Symbol
Parameter
Notes
Conditions
Min. Typ.3 Max.
Units


Número de pieza similar - ML2003CP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Linear Corporatio...
ML2003CP MICRO-LINEAR-ML2003CP Datasheet
2Mb / 12P
   Logarithmic Gain/Attenuator
More results

Descripción similar - ML2003CP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Linear Corporatio...
ML2003 MICRO-LINEAR-ML2003 Datasheet
2Mb / 12P
   Logarithmic Gain/Attenuator
ML2008 MICRO-LINEAR-ML2008 Datasheet
155Kb / 11P
   關P Compatible Logarithmic Gain/Attenuator
logo
Intersil Corporation
AN49.0 INTERSIL-AN49.0 Datasheet
155Kb / 2P
   Digital Audio Amplifier Gain Control using Logarithmic
logo
Dallas Semiconductor
DS1800 DALLAS-DS1800 Datasheet
428Kb / 14P
   Dual Inverting Log Gain/Attenuator
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
   LOGARITHMIC AMPLIFIER
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441CN TI-TL441CN Datasheet
563Kb / 20P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
logo
Analog Devices
HMC948LP3E AD-HMC948LP3E Datasheet
654Kb / 8P
   LOGARITHMIC DETECTOR
logo
Texas Instruments
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
logo
Analog Devices
HMC1094 AD-HMC1094 Datasheet
563Kb / 14P
   Logarithmic Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com