Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML4425CP Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza ML4425CP
Descripción Electrónicos  Sensorless BLDC Motor Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4425CP Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button ML4425CP Datasheet HTML 3Page - Fairchild Semiconductor ML4425CP Datasheet HTML 4Page - Fairchild Semiconductor ML4425CP Datasheet HTML 5Page - Fairchild Semiconductor ML4425CP Datasheet HTML 6Page - Fairchild Semiconductor ML4425CP Datasheet HTML 7Page - Fairchild Semiconductor ML4425CP Datasheet HTML 8Page - Fairchild Semiconductor ML4425CP Datasheet HTML 9Page - Fairchild Semiconductor ML4425CP Datasheet HTML 10Page - Fairchild Semiconductor ML4425CP Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PRODUCT SPECIFICATION
ML4425
REV. 1.0.2 7/2/01
7
Current Limiting in the Power Stage
The current sense resistor (RSENSE) shown in Figure 1 regu-
lates the maximum current in the power stage and the BLDC
motor. Current regulation is accomplished by shutting off the
output drivers LA, LB, and LC for a fixed amount of time if
the voltage across RSENSE exceeds the current limit thresh-
old.
ILIMIT
The voltage on the ILIMIT pin sets the current limit threshold.
The ML4425 has an internal voltage divider from VREF that
sets a default current limit threshold of 2.3V (see Figure 2).
An external voltage divider referenced to VREF can be used
to override the default ILIMIT setting. The external divider
should have at least 10 times the current flow of the internal
divider.
RSENSE
The function of RSENSE is to provide a voltage proportional
to the motor current to set the current limit trip point. The
default trip voltage across RSENSE is 460mV, set by the
internal ILIMIT divider ratio. The current sense resistor
should be a low inductance resistor such as a carbon compo-
sition. For resistors in the milliohms range, wire-wound
resistors tend to have low values of inductance. RSENSE
should be sized to handle the power dissipation (IMAX
2
RSENSE).
ISENSE Filter
The ISENSE RC lowpass filter is placed in series with the cur-
rent sense signal as shown in Figure 2. The purpose of this
filter is to remove the diode reverse recovery shootthrough
current. This current causes a voltage spike on the leading
edge of the current sense signal which may falsely trigger the
current limit. The current sense voltage waveform is shown
before and after filtering in Figure 3. The recommended
starting values for this circuit are R = 1k
Ω and C = 330pF.
This gives a time constant of 330ns, and will filter out spikes
of shorter duration. C can be increased to as much as 2.2nF,
but should not exceed a time constant of more than a few
microseconds.
CIOS
When ISENSE exceeds 0.2 ↔ ILIMIT, the current limit one-
shot is activated, turning off LA, LB, and LC for a fixed
amount of time (tOFF). tOFF is set by the amount of capaci-
tance connected to CIOS. CIOS is usually set for a fixed off
time equal to or less than the PWM period. For a 25kHz
PWM frequency, the PWM period is 40µs; tOFF should be
between 20µs and 40µs. The lower limit of tOFF is dictated
by the minimum on time of the power stage; a safe approxi-
mation is 5µs or less. The equation for finding the CIOS
capacitance value is as follows:
Commutation Control
A 3-phase BLDC motor requires electronic commutation to
achieve rotational motion. Electronic commutation requires
the switching on and off of the power switches of a 3-phase
half bridge. For torque production to be achieved in one
direction, the commutation is dictated by the rotor position.
Electronic commutation in the ML4425 is achieved by turn-
ing on and off, in the proper sequence, one N output from
one phase and one P output from another phase. There are
six combinations of N and P outputs (six switching states)
that constitute a full commutation cycle. These combinations
are illustrated in Table 1 and Figure 4, and are labeled states
A through F. This sequence is programmed into the commu-
tation state machine. Clocking of the commutation state
machine is provided by a voltage controlled oscillator
(VCO).
C
OS
t
OFF
50
µA
×
2.4V
---------------------------------
=
(1)
× 5
ILIMIT
ISENSE
FROM
RSENSE
PWM
ON/OFF
+
VREF
CIOS
16k
2.9V
0V
STOP
30
µA
START
8k
VREF
S
R
Q
Q
(a)
0V
460mV
(b)
Figure 2. Current Sense Circuitry
Figure 3. Current Sense Resistor Waveforms
(a) Without Filtering, and (b) With Filtering


Número de pieza similar - ML4425CP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Linear Corporatio...
ML4425CP MICRO-LINEAR-ML4425CP Datasheet
353Kb / 16P
   Sensorless BLDC Motor Controller
More results

Descripción similar - ML4425CP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Linear Corporatio...
ML4425 MICRO-LINEAR-ML4425 Datasheet
353Kb / 16P
   Sensorless BLDC Motor Controller
ML4435 MICRO-LINEAR-ML4435 Datasheet
576Kb / 14P
   Sensorless BLDC Motor Controller
ML4420 MICRO-LINEAR-ML4420 Datasheet
2Mb / 14P
   ENHANCED SENSORLESS BLDC MOTOR CONTROLLER
ML4426 MICRO-LINEAR-ML4426 Datasheet
353Kb / 16P
   Bi-directional Sensorless BLDC Motor Controller
logo
Allegro MicroSystems
A4962 ALLEGRO-A4962 Datasheet
671Kb / 42P
   Sensorless BLDC Controller
logo
Princeton Technology Co...
PT2434 PTC-PT2434 Datasheet
412Kb / 5P
   3-Phase Sensorless BLDC Motor Controller
logo
Allegro MicroSystems
A4963 ALLEGRO-A4963 Datasheet
642Kb / 42P
   Sensorless BLDC Controller
logo
Micro Linear Corporatio...
ML4428 MICRO-LINEAR-ML4428 Datasheet
310Kb / 16P
   Sensorless Smart-Start??BLDC PWM Motor Controller
logo
Allegro MicroSystems
A4960-A ALLEGRO-A4960-A Datasheet
1Mb / 34P
   Automotive, Sensorless BLDC Controller
A4964 ALLEGRO-A4964 Datasheet
1Mb / 92P
   Sensorless Sinusoidal Drive BLDC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com