Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML4425CP Datasheet(PDF) 9 Page - Fairchild Semiconductor

No. de pieza ML4425CP
Descripción Electrónicos  Sensorless BLDC Motor Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4425CP Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button ML4425CP Datasheet HTML 5Page - Fairchild Semiconductor ML4425CP Datasheet HTML 6Page - Fairchild Semiconductor ML4425CP Datasheet HTML 7Page - Fairchild Semiconductor ML4425CP Datasheet HTML 8Page - Fairchild Semiconductor ML4425CP Datasheet HTML 9Page - Fairchild Semiconductor ML4425CP Datasheet HTML 10Page - Fairchild Semiconductor ML4425CP Datasheet HTML 11Page - Fairchild Semiconductor ML4425CP Datasheet HTML 12Page - Fairchild Semiconductor ML4425CP Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
PRODUCT SPECIFICATION
ML4425
REV. 1.0.2 7/2/01
9
The maximum frequency on the VCO pin is found by:
The voltage at the VCO/TACH pin is equal to the rotor
speed. The voltage at SPEED FB is controlled by the back
EMF sampler.
Back EMF Sampler
The input to the voltage controlled oscillator is the back
EMF sampler. The back EMF sense pins FB A, FB B, and
FB C inputs to the back EMF sampler require a signal from
the motor phase leads that is below the VDD of the ML4425.
The phase sense input impedance is 8k
Ω. This requires a
series resistor RES1 from the motor phase lead as shown in
Figure 6 based on the following equation:
The back EMF sampler takes the motor phase voltages
divided down to signals that are less than VDD (12V nomi-
nal) and calculates the neutral point of the motor by the fol-
lowing equation:
This allows the ML4425 to compare the back EMF signal to
the motor’s neutral point without the need for bringing out an
extra wire on a WYE wound motor. For DELTA wound
motors there is no physical neutral to bring out, so this refer-
ence point must be calculated in any case.
Figure 5. External VCO Component Connections
The back EMF sampler measures the motor phase that is not
driven (i.e. if LA and HB are on, then phase A is driven low,
phase B is driven high, and phase C is sampled). The sam-
pled phase provides a back EMF signal that is compared
against the neutral of the motor. The sampler is controlled by
the commutation state machine. The sampled back EMF is
compared to the neutral through an error amplifier. The out-
put of the error amplifier outputs a charging or discharging
current to SPEED FB, which provides the control voltage to
the VCO.
f
MAX
0.05
N
×
RPM
MAX
×
=
(3)
RES1
670
Ω V
V
MOTOR
10V
()
×
=
(4)
Neutral
PH1
PH2
PH3
++
3
-------------------------------------------------
=
(5)
CVCO
CVCO
4.3V
0V
5V
2.3V
RVCO
SPEED
FB
CVCO
RVCO
VOLTAGE
CONTROLLED
OSCILLATOR
VCO/TACH
VCO/TACH
RESET
(FROM CAT)
FROM
BACK EMF
SAMPLER
& RAMP
GENERATOR
Figure 6. Back EMF Sampler Detailed Block Diagram
NEUTRAL
SIMULATOR
ΦA + ΦB + ΦC
6
MULTIPLEXER
COMMUTATION
STATE MACHINE
gm =
1
8k
4k
4k
4k
4k
4k
4k
+
SIGN
CHANGER
TO
SPEED FB
FB A
RES1
RES2
RES3
FB B
FB C
F/R
MOTOR
ΦC
F/R
MOTOR
ΦB
MOTOR
ΦA


Número de pieza similar - ML4425CP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Linear Corporatio...
ML4425CP MICRO-LINEAR-ML4425CP Datasheet
353Kb / 16P
   Sensorless BLDC Motor Controller
More results

Descripción similar - ML4425CP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Linear Corporatio...
ML4425 MICRO-LINEAR-ML4425 Datasheet
353Kb / 16P
   Sensorless BLDC Motor Controller
ML4435 MICRO-LINEAR-ML4435 Datasheet
576Kb / 14P
   Sensorless BLDC Motor Controller
ML4420 MICRO-LINEAR-ML4420 Datasheet
2Mb / 14P
   ENHANCED SENSORLESS BLDC MOTOR CONTROLLER
ML4426 MICRO-LINEAR-ML4426 Datasheet
353Kb / 16P
   Bi-directional Sensorless BLDC Motor Controller
logo
Allegro MicroSystems
A4962 ALLEGRO-A4962 Datasheet
671Kb / 42P
   Sensorless BLDC Controller
logo
Princeton Technology Co...
PT2434 PTC-PT2434 Datasheet
412Kb / 5P
   3-Phase Sensorless BLDC Motor Controller
logo
Allegro MicroSystems
A4963 ALLEGRO-A4963 Datasheet
642Kb / 42P
   Sensorless BLDC Controller
logo
Micro Linear Corporatio...
ML4428 MICRO-LINEAR-ML4428 Datasheet
310Kb / 16P
   Sensorless Smart-Start??BLDC PWM Motor Controller
logo
Allegro MicroSystems
A4960-A ALLEGRO-A4960-A Datasheet
1Mb / 34P
   Automotive, Sensorless BLDC Controller
A4964 ALLEGRO-A4964 Datasheet
1Mb / 92P
   Sensorless Sinusoidal Drive BLDC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com