Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML4425CP Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza ML4425CP
Descripción Electrónicos  Sensorless BLDC Motor Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4425CP Datasheet(HTML) 1 Page - Fairchild Semiconductor

  ML4425CP Datasheet HTML 1Page - Fairchild Semiconductor ML4425CP Datasheet HTML 2Page - Fairchild Semiconductor ML4425CP Datasheet HTML 3Page - Fairchild Semiconductor ML4425CP Datasheet HTML 4Page - Fairchild Semiconductor ML4425CP Datasheet HTML 5Page - Fairchild Semiconductor ML4425CP Datasheet HTML 6Page - Fairchild Semiconductor ML4425CP Datasheet HTML 7Page - Fairchild Semiconductor ML4425CP Datasheet HTML 8Page - Fairchild Semiconductor ML4425CP Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.fairchildsemi.com
REV. 1.0.2 7/2/01
Features
• Stand-alone operation
• Motor starts and stops with power to IC
• On-board start sequence: Align
♦ Ramp ♦ Set Speed
• Patented Back-EMF commutation technique provides
jitterless torque for minimum “spin-up” time
• Onboard speed control loop
• PLL used for commutation provides noise immunity from
PWM spikes, compared to noise sensitive zero crossing
technique
• PWM control for maximum efficiency
• Direct FET drive for 12V motors; drives high voltage
motors with IC buffers
General Description
The ML4425 PWM motor controller provides all of the
functions necessary for starting and controlling the speed of
delta or wye wound Brushless DC (BLDC) motors without
Hall Effect sensors. Back EMF voltage is sensed from the
motor windings to determine the proper commutation phase
sequence using a PLL. This patented sensing technique will
commutate a wide range of 3-Phase BLDC motors and is
insensitive to PWM noise and motor snubbing circuitry.
The ML4425 limits the motor current using a constant off-
time PWM control loop. The velocity loop is controlled with
an onboard amplifier. The ML4425 has circuitry to ensure
that there is no shoot-through in directly driven external
power MOSFETs.
The timing of the start-up sequence is determined by the
selection of three timing capacitors. This allows optimization
for a wide range of motors and loads.
Block Diagram
CAT
17
FB A
22
FB B
23
FB C
24
BACK
EMF
SAMPLER
CRT
19
+
+
1.5V
750nA
+
1.5V
750nA
VDD
VDD
CRR
21
500nA
VDD
SPEED
FB
20
CVCO
15
16
RVCO
VOLTAGE
CONTROLLED
OSCILLATOR
VCO/TACH
13
2
4
3
9
10
HA
HB
HC
LA
LB
GATING
LOGIC
&
OUTPUT
DRIVERS
+
SPEED SET
8
5
SPEED COMP
3.9V
1.7V
20kHz
6
CT
+
1.4V
1
ISENSE
× 5
UVLO
12
ILIMIT
+
1.7V
VREF
26
CIOS
16k
8k
ILIMIT
1-SHOT
25
BRAKE
VDD
4k
14
VDD
28
GND
27
RREF
11
LC
REFERENCE
VCO
OUT
VCO
OUT
18
UV FAULT
7
VREF
A
B
C
D
E
F
R
COMMUTATION
STATE MACHINE
ML4425
Sensorless BLDC Motor Controller


Número de pieza similar - ML4425CP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Linear Corporatio...
ML4425CP MICRO-LINEAR-ML4425CP Datasheet
353Kb / 16P
   Sensorless BLDC Motor Controller
More results

Descripción similar - ML4425CP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Linear Corporatio...
ML4425 MICRO-LINEAR-ML4425 Datasheet
353Kb / 16P
   Sensorless BLDC Motor Controller
ML4435 MICRO-LINEAR-ML4435 Datasheet
576Kb / 14P
   Sensorless BLDC Motor Controller
ML4420 MICRO-LINEAR-ML4420 Datasheet
2Mb / 14P
   ENHANCED SENSORLESS BLDC MOTOR CONTROLLER
ML4426 MICRO-LINEAR-ML4426 Datasheet
353Kb / 16P
   Bi-directional Sensorless BLDC Motor Controller
logo
Allegro MicroSystems
A4962 ALLEGRO-A4962 Datasheet
671Kb / 42P
   Sensorless BLDC Controller
logo
Princeton Technology Co...
PT2434 PTC-PT2434 Datasheet
412Kb / 5P
   3-Phase Sensorless BLDC Motor Controller
logo
Allegro MicroSystems
A4963 ALLEGRO-A4963 Datasheet
642Kb / 42P
   Sensorless BLDC Controller
logo
Micro Linear Corporatio...
ML4428 MICRO-LINEAR-ML4428 Datasheet
310Kb / 16P
   Sensorless Smart-Start??BLDC PWM Motor Controller
logo
Allegro MicroSystems
A4960-A ALLEGRO-A4960-A Datasheet
1Mb / 34P
   Automotive, Sensorless BLDC Controller
A4964 ALLEGRO-A4964 Datasheet
1Mb / 92P
   Sensorless Sinusoidal Drive BLDC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com