Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML4425CP Datasheet(PDF) 10 Page - Fairchild Semiconductor

No. de pieza ML4425CP
Descripción Electrónicos  Sensorless BLDC Motor Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4425CP Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button ML4425CP Datasheet HTML 6Page - Fairchild Semiconductor ML4425CP Datasheet HTML 7Page - Fairchild Semiconductor ML4425CP Datasheet HTML 8Page - Fairchild Semiconductor ML4425CP Datasheet HTML 9Page - Fairchild Semiconductor ML4425CP Datasheet HTML 10Page - Fairchild Semiconductor ML4425CP Datasheet HTML 11Page - Fairchild Semiconductor ML4425CP Datasheet HTML 12Page - Fairchild Semiconductor ML4425CP Datasheet HTML 13Page - Fairchild Semiconductor ML4425CP Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ML4425
PRODUCT SPECIFICATION
10
REV. 1.0.2 7/2/01
Back EMF Sensing PLL Commutation Control
Three blocks form a phase locked loop that locks the com-
mutation clock onto the back EMF signal: the commutation
state machine, the voltage controlled oscillator, and the back
EMF sampler. The complete phase locked loop is illustrated
in Figure 7. The phased locked loop requires a lead lag filter
that is set by external components on SPEED FB. The com-
ponents are selected as follows:
Start-Up Sequence
When power is first applied to the ML4425 and the motor is
at rest, the back EMF is equal to zero. The motor needs to be
rotating for the back EMF sampler to lock onto the rotor
position and commutate the motor. The ML4425 uses an
open loop start-up technique to bring the rotor from rest up
to a speed fast enough to allow back EMF sensing. Start-up
is comprised of three modes: align mode, ramp mode, and
run mode.
Align Mode (RESET)
Before the motor can be started, the rotor must be in a known
position. When power is first applied to the ML4425, the
controller is reset into the align mode. Align mode turns on
the output drivers LB, HA, and HC which aligns the motor
into a position 30 electrical degrees before the center of the
first commutation state. This is shown as state R in the com-
mutation states of Table 1. Align mode must last long enough
to allow the motor and its load to settle into this position. The
align mode time is set by a capacitor connected to the CAT
pin as shown in Figure 8. CAT is charged by a constant
750µA current from GND to 1.5 V until the align comparator
trips to end the align mode. A starting point for CAT is calcu-
lated as follows:
If the align time is not long enough to allow the rotor to settle
for reliable starting, then increase CAT until the desired per-
formance is achieved.
Figure 7. Back EMF Commutation Phase Locked Loop
Ramp Mode
At the end of align mode the controller goes into ramp mode.
Ramp mode starts commutating through the states A through
F as shown in Table 1. This ramps up the commutation fre-
quency, and therefore the motor speed, for a fixed length of
time. This allows the motor to reach a sufficient speed for the
back EMF sampler to lock commutation onto the motor’s
back EMF. The amount of time the ML4425 stays in ramp
mode is determined by a capacitor connected to the CRT pin
as shown in Figure 8. CRT is charged by a constant 750µA
current from GND to 1.5 V until the ramp comparator trips
to end the ramp mode. This gives a fixed ramp time. CRT is
calculated as follows:
The rate at which the ML4425 ramps up the motor speed is
determined by a fixed 500µA current source on the SPEED
FB pin. The current sources charges up the PLL filter com-
ponents causing the VCO frequency to ramp up. During
ramp mode, the back EMF sampler is disabled to allow con-
trol of the ramping to be set only by the 500µA current
source. The ramp based on the SPEED FB filter is generally
too fast for the motor to keep up, so a capacitor from CRR to
SPEED FB can be added to slow down the ramping rate. The
optimal ramp rate is based on the motor and load parameters
and is can be adjusted by varying the value of CRR.
C
SPEEDFB1
0.25
K
O1
M
----------
N
S
2
In
d
100
----------


2
f
VCO
2
×


-------------------------------------------------





×
×
=
(6a)
R
SPEEDFB
2
=
MIn
d
100
----------


×
×
f
VCO
N
S
K
O1
×
1M
()
×
--------------------------------------------------
×
(6b
C
SPEEDFB2
C
SPEEDFB1
=
M1
()
×
(6c)
C
AT
t
S
7.5
×
10
7
amp
×
×
1.5V
--------------------------------------------------------
=
(7)
FB A
22
FB B
23
FB C
24
BACK
EMF
SAMPLER
VDD
500nA
SPEED
FB
CSPEEDFB1
CSPEEDFB2
RSPEEDFB
20
VOLTAGE
CONTROLLED
OSCILLATOR
PHASE
LOCKED
LOOP
VCO/TACH
13
A
B
C
D
E
F
R
COMMUTATION
STATE MACHINE
C
RT
2
π J
×
5
×
10
7
×
amp
×
K
V
×
I
MAX
K
t
×
3
×
N
×
----------------------------------------------------------------------------
=
(8)


Número de pieza similar - ML4425CP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Linear Corporatio...
ML4425CP MICRO-LINEAR-ML4425CP Datasheet
353Kb / 16P
   Sensorless BLDC Motor Controller
More results

Descripción similar - ML4425CP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Linear Corporatio...
ML4425 MICRO-LINEAR-ML4425 Datasheet
353Kb / 16P
   Sensorless BLDC Motor Controller
ML4435 MICRO-LINEAR-ML4435 Datasheet
576Kb / 14P
   Sensorless BLDC Motor Controller
ML4420 MICRO-LINEAR-ML4420 Datasheet
2Mb / 14P
   ENHANCED SENSORLESS BLDC MOTOR CONTROLLER
ML4426 MICRO-LINEAR-ML4426 Datasheet
353Kb / 16P
   Bi-directional Sensorless BLDC Motor Controller
logo
Allegro MicroSystems
A4962 ALLEGRO-A4962 Datasheet
671Kb / 42P
   Sensorless BLDC Controller
logo
Princeton Technology Co...
PT2434 PTC-PT2434 Datasheet
412Kb / 5P
   3-Phase Sensorless BLDC Motor Controller
logo
Allegro MicroSystems
A4963 ALLEGRO-A4963 Datasheet
642Kb / 42P
   Sensorless BLDC Controller
logo
Micro Linear Corporatio...
ML4428 MICRO-LINEAR-ML4428 Datasheet
310Kb / 16P
   Sensorless Smart-Start??BLDC PWM Motor Controller
logo
Allegro MicroSystems
A4960-A ALLEGRO-A4960-A Datasheet
1Mb / 34P
   Automotive, Sensorless BLDC Controller
A4964 ALLEGRO-A4964 Datasheet
1Mb / 92P
   Sensorless Sinusoidal Drive BLDC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com