Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CA17711-117 Datasheet(PDF) 2 Page - ITT Industries

No. de pieza CA17711-117
Descripción Electrónicos  ITT Cannon is the foremost manufac-turer of MS and MS type connectors with the widest range of connector styles
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

CA17711-117 Datasheet(HTML) 2 Page - ITT Industries

  CA17711-117 Datasheet HTML 1Page - ITT Industries CA17711-117 Datasheet HTML 2Page - ITT Industries CA17711-117 Datasheet HTML 3Page - ITT Industries CA17711-117 Datasheet HTML 4Page - ITT Industries CA17711-117 Datasheet HTML 5Page - ITT Industries CA17711-117 Datasheet HTML 6Page - ITT Industries CA17711-117 Datasheet HTML 7Page - ITT Industries CA17711-117 Datasheet HTML 8Page - ITT Industries CA17711-117 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
A-73
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
CA/MS 3100A wall mounting recepta-
cles are used to carry wires through
walls or bulkheads, or to provide the
means of disconnection at a bulk-
head. CA/MS 3100A receptacles mate
with CA/MS 3106 and 3108 plugs.
CA/MS
3101A
cable
connecting
receptacles
are
used
for
cable
extension
requirements
where
mounting provisions are unnecessary.
CA/MS 3101A plugs mate with
3106A/B and 3108B connectors.
Note: The D revision of MIL-C-5015
has changed the nomenclature of the
3101 from receptacle to plugs.
CA/MS 3102A box mounted recepta-
cles are used in junction boxes or as
an integral part of equipment. CA/MS
3102A receptacles will mate with
3106 and 3108 plugs.
CA/MS 3106A straight plug utilizes a
solid endbell. The CA/MS 3106A
mates with 3100, 3101, and 3102
connectors
CA/MS 3106B is identical to the
3106A straight plug except it utilizes
a split endbell. CA/MS 3106B mates
with 3100, 3101, and 3102 connec-
tors.
CA/MS 3108B 90° angle plugs are
used where there is limited space ad
where wires must be brought at
abrupt angles. This plug will mate
with 3100, 3101, and 3102 connec-
tors.
MS A&B
Introduction
ca_A1-A163.qxd:Layout 1
2/9/11
7:49 PM
Page 73


Número de pieza similar - CA17711-117

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
CA17 MACOM-CA17 Datasheet
360Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
CA17 MA-COM-CA17 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1000 MHz
CA17 MA-COM-CA17 Datasheet
636Kb / 3P
   Cascadable Amplifier
logo
Ledil, Inc.
CA17117 LEDIL-CA17117 Datasheet
2Mb / 5P
   ~15째 50째 oval beam
CA17280 LEDIL-CA17280 Datasheet
9Mb / 4P
   ~15째 spot beam. Assembly with black holder
More results

Descripción similar - CA17711-117

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ITT Industries
DENG9P-P1 ITT-DENG9P-P1 Datasheet
10Mb / 302P
   The ITT Cannon D Subminiature Family of connectors has grown to include a wide variety of styles
logo
List of Unclassifed Man...
DPXAMA-26-33S ETC2-DPXAMA-26-33S Datasheet
2Mb / 120P
   ITT Electronic Components is a division of the multinational ITT Corporation a $7.5billion dollar global enterprise.
logo
ITT Industries
KPT02E22-36PW ITT-KPT02E22-36PW Datasheet
326Kb / 31P
   The miniature circular connectors series KPT and KPSE from ITT Cannon are Manufactured acc
logo
List of Unclassifed Man...
5638A ETC2-5638A Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
5649A ETC2-5649A Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
logo
Shenzhen Huazhimei Semi...
HM8022B HMSEMI-HM8022B Datasheet
573Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8023 HMSEMI-HM8023 Datasheet
471Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8021A HMSEMI-HM8021A Datasheet
514Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8022A HMSEMI-HM8022A Datasheet
455Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8024 HMSEMI-HM8024 Datasheet
570Kb / 7P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com