Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC908QY1 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

No. de pieza MC908QY1
Descripción Electrónicos  Microcontrollers
Download  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908QY1 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button MC908QY1 Datasheet HTML 51Page - Freescale Semiconductor, Inc MC908QY1 Datasheet HTML 52Page - Freescale Semiconductor, Inc MC908QY1 Datasheet HTML 53Page - Freescale Semiconductor, Inc MC908QY1 Datasheet HTML 54Page - Freescale Semiconductor, Inc MC908QY1 Datasheet HTML 55Page - Freescale Semiconductor, Inc MC908QY1 Datasheet HTML 56Page - Freescale Semiconductor, Inc MC908QY1 Datasheet HTML 57Page - Freescale Semiconductor, Inc MC908QY1 Datasheet HTML 58Page - Freescale Semiconductor, Inc MC908QY1 Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 184 page
background image
Functional Description
MC68HC908QY/QT Family Data Sheet, Rev. 6
Freescale Semiconductor
55
LVIPWRD — LVI Power Disable Bit
LVIPWRD disables the LVI module.
1 = LVI module power disabled
0 = LVI module power enabled
LVI5OR3 — LVI 5-V or 3-V Operating Mode Bit
LVI5OR3 selects the voltage operating mode of the LVI module. The voltage mode selected for the
LVI should match the operating VDD for the LVI’s voltage trip points for each of the modes.
1 = LVI operates in 5-V mode
0 = LVI operates in 3-V mode
NOTE
The LVI5OR3 bit is cleared by a power-on reset (POR) only. Other resets
will leave this bit unaffected.
SSREC — Short Stop Recovery Bit
SSREC enables the CPU to exit stop mode with a delay of 32 BUSCLKX4 cycles instead of a 4096
BUSCLKX4 cycle delay.
1 = Stop mode recovery after 32 BUSCLKX4 cycles
0 = Stop mode recovery after 4096 BUSCLKX4 cycles
NOTE
Exiting stop mode by an LVI reset will result in the long stop recovery.
The system stabilization time for power-on reset and long stop recovery (both 4096 BUSCLKX4
cycles) gives a delay longer than the LVI enable time for these startup scenarios. There is no period
where the MCU is not protected from a low-power condition. However, when using the short stop
recovery configuration option, the 32 BUSCLKX4 delay must be greater than the LVI’s turn on time to
avoid a period in startup where the LVI is not protecting the MCU.
STOP — STOP Instruction Enable Bit
STOP enables the STOP instruction.
1 = STOP instruction enabled
0 = STOP instruction treated as illegal opcode
COPD — COP Disable Bit
COPD disables the COP module.
1 = COP module disabled
0 = COP module enabled


Número de pieza similar - MC908QY1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC908QY1 FREESCALE-MC908QY1 Datasheet
1Mb / 184P
   Microcontrollers
MC908QY1 FREESCALE-MC908QY1 Datasheet
1Mb / 184P
   M68HC08 Microcontrollers
MC908QY1 FREESCALE-MC908QY1 Datasheet
1Mb / 184P
   M68HC08 Microcontrollers
MC908QY1A FREESCALE-MC908QY1A Datasheet
1Mb / 200P
   Microcontrollers
MC908QY1A FREESCALE-MC908QY1A Datasheet
2Mb / 200P
   Microcontrollers
More results

Descripción similar - MC908QY1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com