Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMMP-5618-TR1 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza AMMP-5618-TR1
Descripción Electrónicos  6??0 GHz General Purpose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-5618-TR1 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-5618-TR1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-5618-TR1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-5618-TR1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-5618-TR1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-5618-TR1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-5618-TR1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-5618-TR1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Over Temperature Performance Plots
These measurements are in 50Ω test environment at TA = 25°C, Vd = 5V, Id = 107 mA. Aspects of the amplifier per-
formance may be improved over a narrower bandwidth by application of additional conjugate, linearity or low noise
(Γopt) matching.
Figure 7. Gain Over Temperature.
FREQUENCY (GHz)
4
22
6
8
10 12
14 16 18 20
20
15
10
5
0
-5
25
°C
−40°C
85°C
Figure 8. Isolation Over Temperature.
FREQUENCY (GHz)
4
22
6
8
10 12
14 16 18 20
0
-10
-20
-30
-40
-50
-60
25
°C
−40°C
85°C
25
°C
−40°C
85°C
Figure 9. Input RL Over Temperature.
FREQUENCY (GHz)
4
22
6
8
10 12
14 16 18 20
0
-5
-10
-15
-20
Figure 10. Output Return Loss Over Temperature.
FREQUENCY (GHz)
4
22
6
8
10 12
14 16 18 20
0
-5
-10
-15
-20
-25
-30
Figure 11. NF Over Temperature.
FREQUENCY (GHz)
6
20
8
10
12
14
16
18
8
7
6
5
4
3
Figure 12. Bias Current Over Temperature.
Vdd (V)
3
5
3.5
4
4.5
108
106
104
102
100
98
96
94
25
°C
−40°C
85°C
25
°C
−40°C
85°C
25
°C
−40°C
85°C


Número de pieza similar - AMMP-5618-TR1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
AMMP-5618-TR1 HP-AMMP-5618-TR1 Datasheet
241Kb / 9P
   6-20 GHz General Purpose Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5618-TR1 AVAGO-AMMP-5618-TR1 Datasheet
234Kb / 9P
   6-20 GHz General Purpose Amplifier
AMMP-5618-TR1 AVAGO-AMMP-5618-TR1 Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-5618-TR1 BOARDCOM-AMMP-5618-TR1 Datasheet
397Kb / 7P
   6??0 GHz General Purpose Amplifier
More results

Descripción similar - AMMP-5618-TR1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5618 AVAGO-AMMP-5618_15 Datasheet
397Kb / 7P
   6??0 GHz General Purpose Amplifier
logo
Broadcom Corporation.
AMMP-5618 BOARDCOM-AMMP-5618 Datasheet
397Kb / 7P
   6??0 GHz General Purpose Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5618 AVAGO-AMMP-5618 Datasheet
234Kb / 9P
   6-20 GHz General Purpose Amplifier
logo
Agilent(Hewlett-Packard...
AMMP-5618 HP-AMMP-5618 Datasheet
241Kb / 9P
   6-20 GHz General Purpose Amplifier
logo
Skyworks Solutions Inc.
SKY65014-214LF SKYWORKS-SKY65014-214LF Datasheet
338Kb / 5P
   InGaP General Purpose Amplifier LF-6 GHz
SKY65015-214LF SKYWORKS-SKY65015-214LF Datasheet
334Kb / 5P
   InGaP General-Purpose Amplifier LF-6 GHz
SKY65013-214LF SKYWORKS-SKY65013-214LF Datasheet
343Kb / 5P
   InGaP General-Purpose Amplifier LF-6 GHz
SKY65016-214LF SKYWORKS-SKY65016-214LF Datasheet
341Kb / 5P
   InGaP General-Purpose Amplifier LF-3 GHz
logo
Qorvo, Inc
TGA2731-SM QORVO-TGA2731-SM Datasheet
616Kb / 15P
   2.7??.0 GHz Driver Amplifier
Julyl 2019
logo
Agilent(Hewlett-Packard...
ATF-21186 HP-ATF-21186 Datasheet
75Kb / 8P
   0.5-6 GHz General Purpose Gallium Arsenide FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com