Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CS3102E18-3PX Datasheet(PDF) 28 Page - Amphenol Corporation

No. de Pieza. CS3102E18-3PX
Descripción  Amphenol MIL-DTL-5015 and MIL-5015
Descarga  73 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo 

CS3102E18-3PX Datasheet(HTML) 28 Page - Amphenol Corporation

Zoom Inzoom in Zoom Outzoom out
 28 / 73 page
background image
27
front face of pin insert or rear face of socket insert illustrated
MS/Standard
contact arrangements
Insert Arrangement
16-10
16-11
16-12
16-13
18-1
18-3
Service Rating
AAAA
B, C, F, G = A; Bal. = Inst.
D
Number of Contacts
3
2
1
2*
10
2
Contact Size
12
12
4
12
16
12
Insert Arrangement
18-4
18-5
18-6
18-7
18-8
18-9
Service Rating
D
D
D
B
A
Inst.
Number of Contacts
4
21
1
1
17
25
Contact Size
16
12
16
4
8
12
16
12
16
Insert Arrangement
18-10
18-11
18-12
18-13
18-14
18-15
Service Rating
AAA
A
A
A
Number of Contacts
4
5
6
1
3
1
1
4**
Contact Size
12
12
16
8
12
4
16
12
Insert Arrangement
18-16
18-17
18-19
18-20
18-22
18-24
Service Rating
C
Inst.
A
A
D
B, C, F, G = A; Bal. = Inst.
Number of Contacts
1
2
5
10
5
3
10
Contact Size
12
12
16
16
16
16
16
CONTACT LEGEND
16
12
8
4
0
* A = Iron; B = Constantan
** A, C = Iron; B, D = Constantan
100
° Rotation
of 18-9
250° Rotation
of 18-1
A
B
C
A
B
C
D
B
C
A
A
B
A
B
A
B
C
D
E
F
G
H
I
J
A
B
A
B
C
D
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
A
B
C
D
A
B
C
D
E
A
B
C
D
E
F
A
B
A
B
C
D
A
B
C
D
EF
G
H
K
J
AB
C
D
E
AB
G
100˚
A
B
C
D
E
F
G
250˚
A
B
C
D
E
F
G
H
I
J


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn