Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CS3102E18-3PX Datasheet(PDF) 29 Page - Amphenol Corporation

No. de Pieza. CS3102E18-3PX
Descripción  Amphenol MIL-DTL-5015 and MIL-5015
Descarga  73 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo 

CS3102E18-3PX Datasheet(HTML) 29 Page - Amphenol Corporation

Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
28
front face of pin insert or rear face of socket insert illustrated
MS/Standard
contact arrangements
Insert Arrangement
18-29
18-30
18-31
20-2
20-3
20-4
Service Rating
A
A
A
D
D
D
Number of Contacts
5
5
5
1
3
4
Contact Size
16
16
16
0
12
12
Insert Arrangement
20-6
20-7
20-8
20-9
20-11
20-12
Service Rating
D
A, B, H, G = D; C, D, E, F = A
Inst.
H = D; Bal. = A
Inst.
A
Number of Contacts
3
8
2
4
1
7
13
1
1
Contact Size
16
16
8
16
12
16
16
4
16
Insert Arrangement
20-14
20-15
20-16
20-17
20-18
20-19
Service Rating
A
A
A
A
A
A
Number of Contacts
2
3
7
27
51
36
3
Contact Size
8
12
12
1216
12
16
1216
8
CONTACT LEGEND
16
12
8
4
0
110° Rotation
of 18-20
260° Rotation
of 18-20
A
B
C
D
E
A
B
C
A
B
D
C
A
B
C
A
B
C
D
E
F
G
H
A
B
C
D
E
F
A
B
C
D
E
F
G
H
A
BC
D
E
F
GH
J
K
L
M
N
A
B
A
B
C
D
E
A
B
C
D
EG
F
A
B
C
D
E
F
G
H
I
A
B
C
D
E
F
A
B
C
D
E
F
G
H
I
A
B
C
110˚
AB
C
D
E
260˚
AB
C
D
E


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn