Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CS3102E18-3PX Datasheet(PDF) 30 Page - Amphenol Corporation

No. de Pieza. CS3102E18-3PX
Descripción  Amphenol MIL-DTL-5015 and MIL-5015
Descarga  73 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo 

CS3102E18-3PX Datasheet(HTML) 30 Page - Amphenol Corporation

Zoom Inzoom in Zoom Outzoom out
 30 / 73 page
background image
29
front face of pin insert or rear face of socket insert illustrated
MS/Standard
contact arrangements
Insert Arrangement
20-20
20-21
20-22
20-23
20-24
20-25
Service Rating
A
A
A
A
A
Inst.
Number of Contacts
1
3
1
8
3
3
2
2
2
13
Contact Size
4
12
12
16
8
16
8
8
16
16
Insert Arrangement
20-27
20-29
20-30
20-33
22-1
22-2
Service Rating
A
A
Inst.
A
D
D
Number of Contacts
14
17
13
11
2
3
Contact Size
16
16
16
16
8
8
Insert Arrangement
22-4
22-5
22-6
22-7
22-8
Service Rating
A
D
D
E
E
Number of Contacts
2
2
2
4
2
1
1
2
Contact Size
8
12
12
16
8
16
0
12
CONTACT LEGEND
16
12
8
4
0
250° Rotation
of 20-11
100° Rotation
of 20-11
A
B
C
D
A
B
C
D
E
F
G
H
I
A
B
C
D
E
F
A
B
A
B
C
D
A
B
C
D
E
F
G
H
I
J
K
L
M
N
A
B
C
D
E
F
G
H
J
K
L
M
N
P
T
SR
A
B
C
D
E
F
K
H
J
M
L
A
B
A
B
C
A
B
C
D
A
B
C
D
E
F
A
B
C
A
B
250˚
A
BC
D
E
F
GH
J
K
L
M
N
100˚
A
BC
D
E
F
GH
J
K
L
M
N


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn