Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CS3102E18-3PX Datasheet(PDF) 36 Page - Amphenol Corporation

No. de Pieza. CS3102E18-3PX
Descripción  Amphenol MIL-DTL-5015 and MIL-5015
Descarga  73 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo 

CS3102E18-3PX Datasheet(HTML) 36 Page - Amphenol Corporation

Zoom Inzoom in Zoom Outzoom out
 36 / 73 page
background image
35
front face of pin insert or rear face of socket insert illustrated
MS/Standard
contact arrangements
Insert Arrangement
32-10
32-12
32-13
32-15
Service Rating
A, F = E; G = B; B, E = D; C, D = A
C, D, E, F, G = A; Bal. = D
D
D
Number of Contacts
2
2
3
5
10
5
18
2
6
Contact Size
4
8 16
12
16
12
16
0
12
Insert Arrangement
32-16
32-17
32-22
36-1
Service Rating
A
D
A
D
Number of Contacts
2
3
2
16
4
54
4
18
Contact Size
4
8
12
16
4
16
12
16
Insert Arrangement
36-3
36-4
36-5
36-6
Service Rating
D
A = D; B, C = A
A
A
Number of Contacts
3
3
3
4
2
4
Contact Size
0
12
0
0
0
4
CONTACT LEGEND
16
12
8
4
0
100° Rotation
of 32-6
A
B
C
D
E
F
G
AB
CD
E
FG
HJ
K
LM
OP
N
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
A
BC
DE
F
G
H
A
B
C
D
AB
C
D
E
F
G
H
J
K
L
M
NO
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
g
h
jk
m
n
p
r
t
q
s
u
v
x
y
z
AA
AB
AC
AD
AE
AF
AG
w
AB
C
DE
F
G
H
IJ
K
L
M
N
OP
R
S
T
UV
W
A
B
C
D
E
F
A
B
C
A
B
C
D
A
B
C
D
E
F
100˚
AB
CD
EF
GH
I
J
K
LM
N
O
P
R
S
T
U
V
W
X


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn