Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CS3102E18-3PX Datasheet(PDF) 37 Page - Amphenol Corporation

No. de Pieza. CS3102E18-3PX
Descripción  Amphenol MIL-DTL-5015 and MIL-5015
Descarga  73 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo 

CS3102E18-3PX Datasheet(HTML) 37 Page - Amphenol Corporation

Zoom Inzoom in Zoom Outzoom out
 37 / 73 page
background image
36
front face of pin insert or rear face of socket insert illustrated
MS/Standard
contact arrangements
Insert Arrangement
36-7
36-8
36-9
Service Rating
AAA
Number of Contacts
7
40
1
46
1
2
14
14
Contact Size
12
16
12
16
4
8
12
16
Insert Arrangement
36-10
36-11
36-12
Service Rating
AAA
Number of Contacts
48
48
48
Contact Size
16
16
16
Insert Arrangement
36-13
36-14
36-15
Service Rating
N, P, Q = E; Bal. = A
D
M = D; Bal. = A
Number of Contacts
2
15
5
5
6
35
Contact Size
12
16
8
12 16
16
CONTACT LEGEND
16
12
8
4
0
100° Rotation
of 36-10
110° Rotation
of 36-10
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
R
S
T
U
V
W
X
Y
Z
ab
c
d
e
f
g
h
j
k
m
n
p
r
t
s
u
v
x
y
z
w
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
fg
h
j
k
m
n
p
r
t
u
v
w
s
x
y
z
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
AB
CD
E
F
G
HJ
K
L
M
N
OP
Q
R
S
T
U
V
WX
Y
Z
a
b
c
de
f
g
hj
k
mn
p
r
t
u
v
w
s
x
yz
q
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Q
RS
A
B
C
D
E
F
G
H
J
K
L
M
N
I
P
Q
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f
g
h
j
k
m
100˚
AB
CD
E
FG
HJ
K
L
M
N
OP
Q
R
S
T
U
VW
X
Y
Z
a
b
c
d
e
f
g
hj
k
m
n
pr
tuv
w
s
x
yz
q
110˚
AB
CD
E
F
G
HJ
K
L
M
N
OP
Q
R
S
T
U
VW
X
Y
Z
a
b
c
de
f
g
h
j
k
mn
p
r
tu
v
w
s
x
yz
q


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn