Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CS3102E18-3PX Datasheet(PDF) 38 Page - Amphenol Corporation

No. de Pieza. CS3102E18-3PX
Descripción  Amphenol MIL-DTL-5015 and MIL-5015
Descarga  73 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo 

CS3102E18-3PX Datasheet(HTML) 38 Page - Amphenol Corporation

Zoom Inzoom in Zoom Outzoom out
 38 / 73 page
background image
37
front face of pin insert or rear face of socket insert illustrated
MS/Standard
contact arrangements
Insert Arrangement
36-16
36-17
36-18
Service Rating
AAA
Number of Contacts
7
40
7
40
1
2
14
14
Contact Size
12
16
12
16
4
8
12
16
Insert Arrangement
36-20
36-52
40-1
Service Rating
AAD
Number of Contacts
2
2
30
52
6
24
Contact Size
8
12 16
16
12
16
Insert Arrangement
40-9
40-56
48-62
Service Rating
AAD
Number of Contacts
1
22 24
85
85
Contact Size
8
12 16
16
16
CONTACT LEGEND
16
12
8
4
0
110° Rotation
of 36-7
100° Rotation
of 36-9
100° Rotation
of 36-7
AB
CD
E
F
G
HJ
K
L
M
N
P
R
ST
U
V
W
XY
Z
a
b
c
d
e
f
g
h
j
k
m
A BC
D
E
F
HJ
K
LM
N
P
R
S
TU
V
W
X
Y
Z
ab
c
d
fg
h
i
jk
m
n
p
r
t
u
v
w
s
x
y
z
q
AA
AB
AC
AD
AE
AF
AH
AB
C
DE
F
G
HI
J
K
L
MN
O
P
R
S
TU
V
W
X
YZ
a
b
c
de
AB
C
DE
F
G
H
IJ
K
L
MN
O
PQ
R
ST
U
V
W
X
YZ
a
b
c
d
e
f
g
h
i
j
k
l
m
n
p
r
tu
s
o
q
AB
C
D
EF
H
J
K
L
M
NP
R
S
T
U
V
W
XY
Z
a
b
c
df
g
hi
j
k
m
n
p
r
t
uv
w
s
xy
z
q
AA
AB
AC
AD
AE
AF
AH
AJ
AK
AL
AM
AN
AP
AR
AS
AT
AU
AV
AW
AX
AY
AZ
BA
BB
BV
BC
BD
BE
BF
BH
BJ
BK
BL
BM
BN
BS
BT
BU
BP
BR
12
3
4
56
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
100˚
A
B
CD
E
FG
H
I
J
K
L
M
N
O
P
RS
T
U
V
W
X
Y
Z
ab
c
d
e
f
g
h
j
k
m
np
r
t
uv
w
s
x
y
z
110˚
AB
C
D
E
F
G
H
I
J
K
L
M
N
O
P
R
S
T
U
VW
X
Y
Z
a
b
c
d
e
f
g
h
j
k
m
np
r
t
u
v
w
s
x
y
z
100˚
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
e
f


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn