Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CS3102E18-3PX Datasheet(PDF) 39 Page - Amphenol Corporation

No. de Pieza. CS3102E18-3PX
Descripción  Amphenol MIL-DTL-5015 and MIL-5015
Descarga  73 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo 

CS3102E18-3PX Datasheet(HTML) 39 Page - Amphenol Corporation

Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
38
A
B
C
D
E
F
H
J
K
L
M
N
Special
contact arrangements
Requirements
for
more
complex circuits
prompted
Amphenol to provide inserts not covered by the MS draw-
ings. Illustrated here and on the following pages are
insert layouts which have from one contact (high tension)
to the 104 contact insert in shell size 44.
Many of these special inserts are also available in alter-
nate keyway arrangements. Please contact Amphenol,
Sidney, NY for additional information on special circuit
application requirements.
front face of pin insert or rear face of socket insert illustrated
Insert Arrangement
14S-A7
16-59
20-26
20-51
20-57
20-58
Service Rating
A
A
A
A
A
A
Number of Contacts
7
4
19
3*
7*
5
5
Contact Size
16
12
16
8
12 for #14 or 16 wire
12
16
Insert Arrangement
20-59
20-66
20-79
22-63
22-65
22-70
Service Rating
A
A
H = D; Bal. = A
A
H = D; Bal. = A
A
Number of Contacts
3*
1
5
7*
1*
4
8
8*
8
5
Contact Size
8 for #10 or 12 wire
16
12 for #10 wire
16
12 for #16 wire
12
16
12 for #14 or 16 wire
12
16
Insert Arrangement
22-80
24-19
24-51
24-52
24-53
24-58
Service Rating
A
A
A
Hi-Volt
A
A
Number of Contacts
3*
12
5*
1
5*
3
3
7
Contact Size
8 for #10 or 12 wire
16
B, E for AN #10 or 12 wire
12
8
8
12 16
A, C, D for AN #8 wire
* Solderless
CONTACT LEGEND
16
12
8
4
0
A
F
E
D
C
B
G
A
B
C
A
B
C
D
E
F
H
J
K
L
A
B
C
D
EG
F
A
B
C
A
B
C
D
E
F
A
B
C
D
E
F
G
H
A
B
C
E
F
H
J
K
L
M
N
D
A
B
C
D
E
F
H
J
K
L
M
N
P
A
B
C
A
B
C
D
E
A
B
C
D
E
A
B
C
D
E
F
H
J
K
L
M
N
P
A
B
C
D
E
F
G
H
AB
CD
A
B
C
D
E
F
G
H
S
R
J
T
V
P
K
L
M
U
N


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn