Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CS3102E18-3PX Datasheet(PDF) 4 Page - Amphenol Corporation

No. de Pieza. CS3102E18-3PX
Descripción  Amphenol MIL-DTL-5015 and MIL-5015
Descarga  73 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo 

CS3102E18-3PX Datasheet(HTML) 4 Page - Amphenol Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 73 page
background image
3
Amphenol MIL-DTL-5015 and MIL-5015
Type Standard Cylindrical Connectors
DESIGN CHARACTERISTICS
Medium to heavy weight cylindrical
Durable, field-proven design
Environmental resistant
Resilient inserts
Operating voltage to 3000 VAC (RMS) at sea level
Threaded couplings
Single key/keyway shell polarization
Cost effective
CUSTOMER OPTIONS
Five shell styles
Nineteen shell sizes
305 contact arrangements from 1 to 104 circuits
Solder or crimp contacts, sizes 16-0 accepting
22-0 AWG.
Coaxial and thermocouple contact options
Five class designations
Alternate insert positioning
Hermetic configurations available
• Zinc alloy plating (cadmium-free) available
MS connectors meet the latest performance require-
ments of MIL-DTL-5015. These connectors represent
well-proven electrical capability at an acceptable cost for
most equipment where durability is important.
MIL-DTL-5015 features threaded couplings and single
key/keyway polarization, representing maximum simplic-
ity in design. Applications include military ground support
equipment, ordnance and shipboard installations.
Amphenol
Industrial
Operations
manufactures
five
classes of connectors to meet different requirements.
Class designations and brief descriptions are listed
below.
A –
Solid Shell – for general, non-environmental appli-
cations.
C – Pressurized – for use on pressurized bulkheads or
pressure barriers; limits air leakage regardless of
type and class of plug mated with them.
E/F –Environmental
Resisting
with
Strain
Relief
designed for applications where the connector will
be exposed to moisture, vibration, and rapid
changes in pressure and temperature.
R – Lightweight Environmental Resisting – shorter in
length and lighter in weight than the E and F
classes, the MS-R offers a high degree of reliability
under adverse conditions: recommended for new
design applications.
®
MS-A, MS-C
MS-E/F
MS-R


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn