Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CS3102E18-3PX Datasheet(PDF) 41 Page - Amphenol Corporation

No. de Pieza. CS3102E18-3PX
Descripción  Amphenol MIL-DTL-5015 and MIL-5015
Descarga  73 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo 

CS3102E18-3PX Datasheet(HTML) 41 Page - Amphenol Corporation

Zoom Inzoom in Zoom Outzoom out
 41 / 73 page
background image
40
1
10
9
8
7
6
5
4
2
11
13
12
3
front face of pin insert or rear face of socket insert illustrated
Special
contact arrangements
Insert Arrangement
28-66
28-72
28-74
28-75
28-79
Service Rating
A
A
A
A
Number of Contacts
2
14
3
9*
4*
3*
9*
7*
7
9
Contact Size
8
12
4 (Coax) RG-59A/U
16
8
8 for #10 wire
16
8 for #10 wire
8
16
or RG-62A/U
(S, T, R)
Insert Arrangement
28-82
28-84
28-AY
32-14
32-25
Service Rating
DAA
D
A
Number of Contacts
2
4
9
4
5
13
25
Contact Size
8
12
8
4
16
12
12
Insert Arrangement
32-31
32-48
32-52
32-53
Service Rating
A
Inst.
D
t, u = E; Bal. = Inst.
Number of Contacts
31
48
6
2
5
37
Contact Size
16
16
12
0
12
16
* Solderless
CONTACT LEGEND
16
12
8
4
0
90° CW Rotation
of 32-15
A
B
C
D
E
F
H
J
K
L
M
N
P
R
S
T
A
B
C
A
B
C
D
E
F
H
J
K
L
M
N
P
R
S
T
A
B
C
D
E
F
H
J
K
L
M
N
P
R
S
T
A
B
C
D
E
F
H
J
K
L
M
N
P
R
S
T
12
3
45
6
A
B
C
D
E
F
G
H
I
A
BC
DE
F
G
H
J
13
12
11
10
9
8
7
6
5
4
3
2
1
23
19
22
21
20
15
18
17
16
14
24
25
90˚
A
BC
DE
F
G
H
A
B
C
D
E
F
H
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
a
b
c
d
f
g
h
i
j
k
m
n
p
r
t
u
v
w
s
q
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
A
B
C D
E
FH
J
K
L
M
N
P
R
ST
U
V
W
X
YZ
a
bc
d
f
g
hi
j
k
mn
p
q
r
s
t
uv
w
x
y
z
AA
BB
CC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn