Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CS3102E18-3PX Datasheet(PDF) 54 Page - Amphenol Corporation

No. de Pieza. CS3102E18-3PX
Descripción  Amphenol MIL-DTL-5015 and MIL-5015
Descarga  73 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo 

CS3102E18-3PX Datasheet(HTML) 54 Page - Amphenol Corporation

Zoom Inzoom in Zoom Outzoom out
 54 / 73 page
background image
53
Thermocouple
contact arrangements
* Amphenol arrangement
Shell Size
and Arrg.
Similar to
MS Arrg.
Total
Contacts
Contact
Size
Pin Insert
Rotation
C W
Contact Material
12
16
28-69
28-11
22
4
18
None
G = Al.; R = Ch.; Balance = Cu.
28-70
28-11
22
4
18
None
A = Al.; B = Ch.; Balance = Cu.
28-77
28-11
22
4
18
None
J = Con.; Balance = Cu.
28-81
28-21
37
37
None
A, D, S, Z, n, s = Ir.; B, J, K, f, g, r = Con.; G, L, P, b, e, j = Al.; F, H, T, X, h, k =
Ch.; Balance = Cu.
32-51
32-8
30
6
24
90°
M = Ch.; N = Al.; Balance = Cu.
32-55
32-8
30
6
24
125°
M, N = Ch.; O, P = Al.; Balance = Cu.
36-53
36-7
47
7
40
45°
u, v, w = Al.; x, y, z = Ch.; Balance = Cu.
36-56
36-10
48
48
None
A, C, E, G, L, J, H, P, R, T, V, X Z, b, d, f, h, k, q, n, m, u, w, y = Con.;
Balance = Cu.
36-57
36-8
47
1
46
None
W = Al.; f = Ch. Balance = Cu.
36-58
36-15
35
35
None
H = Al.; G = Ch.; Balance = Cu.
36-61
36-15
35
35
None
A, C, E, J, K, L, M, N, P, R, T, V, f, X, Y, h, j, c = Con.; Balance = Cu.
36-62
36-10
48
48
None
A, C, E, = Al.; B, D, F = Ch.; Balance = Cu.
36-82
36-52*
52
52
None
v, g = Ir.; p, y, c = Con. x = Ch.; Balance = Cu.
40-58
40-56*
85
85
None
A, C, E, H, K, M, P, S, U, W, Y, a, c, f, h, j, m, p, r, t, v, x, z, AB, AD, AF, AJ, AL,
AN, AP, AS, AU, AW, AY, BA, BC, BE, BH, BK, BM, BP, BS, BU = Ir.; Balance
= Con.
40-59
40-56*
85
85
None
B = Ch.; C = Con.; Balance = Cu.
40-77
40-53*
60
60
None
55, 60 = Ir.; 57, 58, 59 = Con.; 56 = Ch.; Balance = Cu.
40-78
40-53*
60
60
None
50, 51 = Ir.; 27, 28, 29, 31, 32, 34, 36, 37 = Con.; 25, 39, 40, 41 = Al.;
43, 44, 45, 46, 47, 48, 49, 52, 53, 54 = Ch.; Balance = Cu.
44-57
44-52
104
104
None
A, C, E, G, J, L, etc. = Cu.; B, D, F, H, K, M, etc. = Con.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn