Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CS3102E18-3PX Datasheet(PDF) 62 Page - Amphenol Corporation

No. de Pieza. CS3102E18-3PX
Descripción  Amphenol MIL-DTL-5015 and MIL-5015
Descarga  73 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo 

CS3102E18-3PX Datasheet(HTML) 62 Page - Amphenol Corporation

Zoom Inzoom in Zoom Outzoom out
 62 / 73 page
background image
61
The 10-305200 cable clamp and MS3420A sleeve illustrated are used only on
the rear of MS-A or C type connectors. The 10-74900 clamp and grommet
assembly can only be used on special feed-thru applications involving dummy
shells, part numbers 10-37090 and 10-113276.
ASSEMBLY
Both clamps are shipped from the factory with lubricant
conforming to MIL-G-3278. Remove any dirt or foreign
material from components with ethyl alcohol and relubri-
cate as outlined under “lubrication.” Place the clamping
nut (1) on the wire bundle or cable with the threads facing
toward the connector or dummy shell. Position the
tapered sleeve (2) on the bundle or cable with the narrow
portion toward the clamping nut (1). Next install either the
gland (3) used with the 10-305200 clamp or thread each
wire through the grommet (3) used with the 10-74900
clamp. Dependent on the application, the wire bundle or
cable is fed through the dummy shell, or the wire ends
are soldered to the connector contacts. Move the compo-
nents forward in the reverse order of preliminary assem-
bly. (In applications where grommets (3) are used, seat
the grommet against the undercut in the back shell
before bringing the tapered sleeve (2) up against it).
Insure proper positioning of glands (3) or grommets (3),
tapered sleeves (2) and clamping nuts (1). Tighten the
clamp using a strap wrench until a metal to metal seat is
obtained.
Assembly Instructions
for 10-305200 & 10-74900
cable clamps
4
3
2
1
10-305200 Cable Clamp & MS3420A Sleeve
1. Clamping Nut
2. Tapered Sleeve
3. Gland
4. Reducing or
Telescoping Sleeve
3
2
1
10-74900 Clamp and Grommet Assembly
1. Clamping Nut
2. Tapered Sleeve
3. Grommet


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn