Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CS3102E18-3PX Datasheet(PDF) 67 Page - Amphenol Corporation

No. de Pieza. CS3102E18-3PX
Descripción  Amphenol MIL-DTL-5015 and MIL-5015
Descarga  73 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo 

CS3102E18-3PX Datasheet(HTML) 67 Page - Amphenol Corporation

Zoom Inzoom in Zoom Outzoom out
 67 / 73 page
background image
66
The Amphenol® plain flat gasket
of synthetic rubber material is
provided
to
take
complete
advantage of waterproof and
pressure sealing features. It is
for use with the flange mounted
receptacle.
This flat gasket is provided to
give the maximum in connector
performance. Its special feature
is in providing the maximum
radio shielding under difficult
conditions of high receiver sen-
sitivity and low signal strength
while retaining the sealing char-
acteristics of the plain gasket.
This gasket is for use with the
flange mounting receptacle.
This gasket is provided for appli-
cations where the major require-
ment
is
resistance
to
the
injurious effects of extremely low
temperature. Even at tempera-
tures as low as –67°F this gas-
ket retains its resiliency and will
seal a pressure differential of 30
psi.
All dimensions for reference only.
Installation Dimensions
Order Data
MS
Shell
Size
A
±.010
B
+.016
–.000
C
+.016
–.000
D
±.010
Plain
Shielding
Low
Temperature
8S
.594
.500
.875
.172
10-40450-8
10-40450-8S
10-36675-8
10S
.719
.625
1.000
.172
10-40450-10
10-40450-10S 10-36675-10
10SL
.719
.625
1.000
.172
10-40450-10
10-40450-10S 10-36675-10
12S
.813
.750
1.094
.172
10-40450-12
10-40450-12S 10-36675-12
12
.813
.750
1.094
.172
10-40450-12
10-40450-12S 10-36675-12
14S
.906
.875
1.188
.172
10-40450-14
10-40450-14S 10-35575-14
14
.906
.875
1.188
.172
10-40450-14
10-40450-14S 10-36675-14
16S
.969
1.000
1.281
.172
10-40450-16
10-40450-16S 10-36675-16
16
.969
1.000
1.281
.172
10-40450-16
10-40450-16S 10-36675-16
18
1.063
1.125
1.375
.203
10-40450-18
10-40450-18S 10-36675-18
20
1.156
1.250
1.500
.203
10-40450-20
10-40450-20S 10-36675-20
22
1.250
1.375
1.625
.203
10-40450-22
10-40450-22S 10-36675-22
24
1.375
1.500
1.750
.203
10-40450-24
10-40450-24S 10-36675-24
28
1.563
1.750
2.000
.203
10-40450-28
10-40450-28S 10-36675-28
32
1.750
2.000
2.250
.219
10-40450-32
10-40450-32S 10-36675-32
36
1.938
2.188
2.500
.219
10-40450-36
10-40450-36S 10-36675-36
40
2.188
2.438
2.750
.219
10-40450-40
10-40450-40S 10-36675-40
MS/Standard Accessories
10-40450, 10-36675
sealing gaskets
C
A
B
C
A
.031 ± .010
PLAIN
.020 ± .004
SHIELDING
.031 ± .010 LOW
TEMPERATURE
D
4 HOLES


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn